Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7716 Datasheet (PDF) - Analog Devices

AD7716 Datasheet PDF - Analog Devices
Part # AD7716
Download  AD7716 Download
File Size   430.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 22-Bit Data Acquisition System

AD7716 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7716 Datasheet PDF - Analog Devices

Part # AD7716
Download  AD7716 Click to download

File Size   430.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 22-Bit Data Acquisition System

AD7716 Datasheet (HTML) - Analog Devices


AD7716 Product details

GENERAL DESCRIPTION
The AD7716 is a signal processing block for data acquisition systems. It is capable of processing four channels with bandwidths of up to 584 Hz. Resolution is 22 bits and the usable dynamic range varies from 111 dB with an input bandwidth of 36.5 Hz to 99 dB with an input bandwidth of 584 Hz.

FEATURES
   22-Bit Sigma-Delta ADC
      Dynamic Range of 105 dB (146 Hz Input)
      ±0.003% Integral Nonlinearity
   On-Chip Low-Pass Digital Filter
      Cutoff Programmable from 584 Hz to 36.5 Hz
      Linear Phase Response
   Five Line Serial I/O
   Twos Complement Coding
   Easy Interface to DSPs and Microcomputers
   Software Control of Filter Cutoff
   ±5 V Supply
   Low Power Operation: 50 mW

APPLICATIONS
   Biomedical Data Acquisition
   ECG Machines
   EEG Machines
   Process Control
   High Accuracy Instrumentation
   Seismic Systems




Similar Part No. - AD7716

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7716 AD-AD7716 Datasheet
321Kb / 16P
LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716 AD-AD7716 Datasheet
467Kb / 17P
22-Bit Data Acquisition System
13-Jul-2017
AD7716BP AD-AD7716BP Datasheet
321Kb / 16P
LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716BP AD-AD7716BP Datasheet
467Kb / 17P
22-Bit Data Acquisition System
13-Jul-2017
AD7716BS AD-AD7716BS Datasheet
321Kb / 16P
LC2MOS 22-Bit Data Acquisition System
REV. A
More results


Similar Description - AD7716

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7874 AD-AD7874 Datasheet
414Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV.C
AD7890 AD-AD7890 Datasheet
302Kb / 20P
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV.A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV.A
AD79024 AD-AD79024 Datasheet
294Kb / 7P
LC2MOS 20-Bit Data Acquisition System
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7716BSZ AD-AD7716BSZ Datasheet
321Kb / 16P
LC2MOS 22-Bit Data Acquisition System
REV. A
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
22-Bit Data Acquisition System
REV. A
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
22-Bit Data Acquisition System
13-Jul-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com