Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7716 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7716
Description  LC2MOS 22-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 4 Page - Analog Devices

  AD7716 Datasheet HTML 1Page - Analog Devices AD7716 Datasheet HTML 2Page - Analog Devices AD7716 Datasheet HTML 3Page - Analog Devices AD7716 Datasheet HTML 4Page - Analog Devices AD7716 Datasheet HTML 5Page - Analog Devices AD7716 Datasheet HTML 6Page - Analog Devices AD7716 Datasheet HTML 7Page - Analog Devices AD7716 Datasheet HTML 8Page - Analog Devices AD7716 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
AD7716
–4–
Limit at TMIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
fCLKIN
3, 4
400
kHz min
CLKIN Frequency
8
MHz max
tr
5
40
ns max
Digital Output Rise Time. Typically 20 ns
tf
5
40
ns max
Digital Output Fall Time. Typically 20 ns
t7
1/fCLKIN
ns min
CASCIN Pulse Width
t8
1/fCLKIN
ns min
CASCIN to DRDY Setup Time
t9
1/2fCLKIN + 30
ns max
DRDY
Low to SCLK Low Delay
t10
50
ns max
CLKIN High to DRDY Low, SCLK Active, RFS Active
t11
40
ns max
CLKIN High to SCLK High Delay
t12
50
ns min
SCLK Width
t13
1/fCLKIN
ns
SCLK Period
t14
40
ns max
SCLK High to RFS High Delay
t15
1/fCLKIN
ns
RFS
Pulse Width
t16
6
45
ns max
SCLK High to SDATA Valid Delay
t17
7
1/2fCLKIN + 50
ns max
SCLK Low to SDATA High Impedance Delay
1/2fCLKIN + 10
ns min
t18
1/2fCLKIN + 60
ns max
CLKIN High to DRDY High Delay
t19
50
ns max
CLKIN High to RFS High Impedance, SCLK High Impedance
20
ns min
t20
1/2fCLKIN + 50
ns max
SCLK Low to CASCOUT High Delay
t21
2/fCLKIN
ns
CASCOUT Pulse Width
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 1 and 3.
3CLKIN duty cycle range is 40% to 60%.
4The AD7716 is production tested with f
CLKIN at 8 MHz in the slave mode. It is guaranteed by characterization to operate at 400 kHz and 8 MHz in master mode.
5Specified using 10% and 90% points on waveform of interest.
6t
16 is measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
7t
17 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 100 pF capacitor. This means that the time quoted in the timing characteristics is the true bus relinquish
time of the part and as such is independent of external bus loading capacitances.
MASTER MODE TIMING CHARACTERISTICS1, 2 (AV
DD = DVDD = +5 V
5%; AVSS = –5 V
5%; AGND = DGND = 0 V;
fCLKIN = 8 MHz; Input Levels: Logic 0 = 0 V, Logic 1 = DVDD; unless otherwise noted)
Figure 3. Master Mode Timing Diagram
DB31
CH1
t
20
t
21
CASCIN (I)
SCLK (O)
RFS (O)
SDATA (O)
CASCOUT (O)
t
17
t
8
t
7
t
18
t
19
t
9
t
11
t
10
t
12
t
13
t
12
t
19
t
15
t
14
t
16
DB30
CH1
DB29
CH1
DB25
CH1
DB24
CH1
DB23
CH1
DB2
CH4
DB1
CH4
DB0
CH4
CLKIN (I)
DRDY (O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com