Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4468 Datasheet (PDF) - Alpha & Omega Semiconductors

4468 Datasheet PDF - Alpha & Omega Semiconductors
Part # 4468
Download  4468 Download
File Size   556.31 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V Dual N-Channel MOSFET

4468 Datasheet (PDF)

Go To PDF Page Download Datasheet
4468 Datasheet PDF - Alpha & Omega Semiconductors

Part # 4468
Download  4468 Click to download

File Size   556.31 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V Dual N-Channel MOSFET

4468 Datasheet (HTML) - Alpha & Omega Semiconductors


4468 Product details

General Description
The AO4886 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON).This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                        100V
    ID (at VGS=10V)                    3.3A
    RDS(ON) (at VGS=10V)        < 80mΩ
    RDS(ON) (at VGS = 4.5V)     < 91mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - 4468

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
4468 MICROSEMI-4468 Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
4468 CENTRAL-4468 Datasheet
92Kb / 2P
1.5 WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
4468 NJSEMI-4468 Datasheet
133Kb / 1P
DO-41 Package
logo
Heyco.
4468 HEYCO-4468 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Adafruit Industries
4468 ADAFRUIT-4468 Datasheet
919Kb / 2P
Miniature 5V Cooling Fan with Molex PicoBlade Connector
2-10-20
More results


Similar Description - 4468

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC3601N FAIRCHILD-FDC3601N Datasheet
91Kb / 5P
Dual N-Channel 100V Specified PowerTrench MOSFET
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3601 KEXIN-KDS3601 Datasheet
63Kb / 2P
100V Dual N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
100V Dual N-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4892 AOSMD-AO4892 Datasheet
350Kb / 6P
100V Dual N-Channel MOSFET
AON6850 AOSMD-AON6850 Datasheet
267Kb / 7P
100V Dual N-Channel MOSFET
logo
Pan Jit International I...
PJQ5882A PANJIT-PJQ5882A Datasheet
829Kb / 6P
100V Dual N-Channel Enhancement Mode Mosfet
June 23,2020 PJQ5882A-REV.00
logo
TECH PUBLIC Electronics...
FDC3601N-TP TECHPUBLIC-FDC3601N-TP Datasheet
3Mb / 6P
100V Dual N-Channel Enhancement Mode MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com