Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7816 Datasheet (PDF) - Analog Devices

AD7816 Datasheet PDF - Analog Devices
Part # AD7816
Download  AD7816 Download
File Size   279.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor

AD7816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7816 Datasheet PDF - Analog Devices

Part # AD7816
Download  AD7816 Click to download

File Size   279.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor

AD7816 Datasheet (HTML) - Analog Devices


AD7816 Product details

GENERAL DESCRIPTION
The AD7818 and AD7817 are 10-bit, single- and 4-channel A/D converters with on-chip temperature sensor that can operate from a single 2.7 V to 5.5 V power supply. Each part contains a 9 µs successive-approximation converter based around a capacitor DAC, an on-chip temperature sensor with an accuracy of ±2°C, an on-chip clock oscillator, inherent track-and hold functionality and an on-chip reference (2.5 V). The AD7816 is a temperature monitoring only device in a SOIC/MSOP package.
The on-chip temperature sensor of the AD7817 and AD7818 can be accessed via Channel 0. When Channel 0 is selected and a conversion is initiated, the resulting ADC code at the end of the conversion gives a measurement of the ambient temperature with a resolution of ±0.25°C. See Temperature Measurement section of this data sheet.
The AD7816, AD7817, and AD7818 have a flexible serial interface that allows easy interfacing to most microcontrollers. The interface is compatible with the Intel 8051, Motorola SPI® and QSPI™ protocols and National Semiconductors MICROWIRE™ protocol. For more information refer to the Serial Interface section of this data sheet.
The AD7817 is available in a narrow body 0.15" 16-lead small outline IC (SOIC), in a 16-lead, thin shrink small outline package (TSSOP), while the AD7816/AD7818 come in an 8-lead small outline IC (SOIC) and an 8-lead microsmall outline IC (MSOP).

FEATURES
  10-Bit ADC with 9 μs Conversion Time
  One (AD7818) and Four (AD7817) Single-Ended Analog Input Channels
  The AD7816 Is a Temperature Measurement Only Device
  On-Chip Temperature Sensor
     Resolution of 0.25°C
     ±2°C Error from –40°C to +85°C
     –55°C to +125°C Operating Range
  Wide Operating Supply Range 2.7 V to 5.5 V
  Inherent Track-and-Hold Functionality
  On-Chip Reference (2.5 V ±1%)
  Overtemperature Indicator
  Automatic Power-Down at the End of a Conversion
  Low Power Operation
     4 μW at a Throughput Rate of 10 SPS
     40 μW at a Throughput Rate of 1 kSPS
     400 μW at a Throughput Rate of 10 kSPS
  Flexible Serial Interface
 
APPLICATIONS
  Ambient Temperature Monitoring (AD7816)
     Thermostat and Fan Control
     High Speed Microprocessor
     Temperature Measurement and Control
  Data Acquisition Systems with Ambient Temperature
     Monitoring (AD7817 and AD7818)
        Industrial Process Control
        Automotive
        Battery Charging Applications




Similar Part No. - AD7816

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781 AD-AD781 Datasheet
153Kb / 8P
Complete 700 ns Sample-and-Hold Amplifier
REV.A
AD7810 AD-AD7810 Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
AD7810 AD-AD7810 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
186Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
More results


Similar Description - AD7816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with I2CCompatible
9/04-Revision 0
AD7933 AD-AD7933 Datasheet
1Mb / 32P
4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com