Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7856 Datasheet (PDF) - Analog Devices

AD7856 Datasheet PDF - Analog Devices
Part # AD7856
Download  AD7856 Download
File Size   294.27 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC

AD7856 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7856 Datasheet PDF - Analog Devices

Part # AD7856
Download  AD7856 Click to download

File Size   294.27 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC

AD7856 Datasheet (HTML) - Analog Devices


AD7856 Product details

GENERAL DESCRIPTION
The AD7856 is a high speed, low power, 14-bit ADC that operates from a single 5 V power supply. The ADC powers up with a set of default conditions at which time it can be operated as a read only ADC. The ADC contains self-calibration and system calibration options to ensure accurate operation over time and temperature and it has a number of power-down options for low power applications.
   
FEATURES
    Single 5␣ V Supply
    285 kSPS Throughput Rate
    Self- and System Calibration with Autocalibration on
        Power-Up
    Eight Single-Ended or Four Pseudo-Differential Inputs
    Low Power: 60 mW Typ
    Automatic Power-Down After Conversion (2.5 μW Typ)
    Flexible Serial Interface: 8051/SPI™/QSPI™/mP Compatible
    24-Lead DIP, SOIC and SSOP Packages
   
APPLICATIONS
    Battery-Powered Systems (Personal Digital Assistants,
        Medical Instruments, Mobile Communications)
    Pen Computers
    Instrumentation and Control Systems
    High Speed Modems
   




Similar Part No. - AD7856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856 AD-AD7856 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
AD7856AN AD-AD7856AN Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
AD7856AR AD-AD7856AR Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
AD7856ARS AD-AD7856ARS Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
AD7856CB AD-AD7856CB Datasheet
1,022Kb / 12P
Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
REV. 0
More results


Similar Description - AD7856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7858 AD-AD7858 Datasheet
315Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV.B
AD7899 AD-AD7899 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com