Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet (PDF) - Analog Devices

AD7899 Datasheet PDF - Analog Devices
Part # AD7899
Download  AD7899 Download
File Size   242.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Single Supply 14-Bit 400 kSPS ADC

AD7899 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7899 Datasheet PDF - Analog Devices

Part # AD7899
Download  AD7899 Click to download

File Size   242.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Single Supply 14-Bit 400 kSPS ADC

AD7899 Datasheet (HTML) - Analog Devices


AD7899 Product details

GENERAL DESCRIPTION

The AD7899 is a fast, low-power, 14-bit A/D converter that operates from a single 5 V supply. The part contains a 2.2 µs successive-approximation ADC, a track/hold amplifier, 2.5 V reference, on-chip clock oscillator, signal conditioning circuitry, and a high-speed parallel interface. The part accepts analog input ranges of ±10 V, ±5 V, ±2.5 V, 0 V to 2.5 V, and 0 V to 5 V. Overvoltage protection on the analog input for the part allows the input voltage to be exceeded without damaging the parts.

Speed of conversion can be controlled either by an internally trimmed clock oscillator or by an external clock.



PRODUCT HIGHLIGHTS

1. The AD7899 features a fast (2.2 µs) ADC allowing through put rates of up to 400 kSPS.

2. The AD7899 operates from a single 5 V supply and consumes only 80 mW typ making it ideal for low power and portable applications.

3. The part offers a high-speed parallel interface. The interface can operate in 3 V and 5 V mode allowing for easy connec tion to 3 V or 5 V microprocessors, microcontrollers, and digital signal processors.

4. The part is offered in three versions with different analog input ranges. The AD7899-1 offers the standard industrial ranges of ±10 V and ±5 V; the AD7899-2 offers a unipolar range of 0 V to 2.5 or 0 V to 5 V, and the AD7899-3 has an input range of ±2.5 V.



FEATURES

  Fast (2.2 μs) 14-Bit ADC

  400 kSPS Throughput Rate

  0.3 μs Track/Hold Acquisition Time

  Single Supply Operation

  Selection of Input Ranges: ±10 V, ±5 V and ±2.5 V 0 V to 2.5 V and 0 V to 5 V

  High-Speed Parallel Interface which Also Allows Interfacing to 3 V Processors

  Low Power, 80 mW Typ

  Power-Saving Mode, 20 μW Typ

  Overvoltage Protection on Analog Inputs

  Power-Down Mode via STBY Pin



 




Similar Part No. - AD7899

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899 AD-AD7899 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-1 AD-AD7899AR-1 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-2 AD-AD7899AR-2 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-3 AD-AD7899AR-3 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
More results


Similar Description - AD7899

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856 AD-AD7856 Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
AD7858 AD-AD7858 Datasheet
315Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV.B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com