Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7899 Datasheet HTML 5Page - Analog Devices AD7899 Datasheet HTML 6Page - Analog Devices AD7899 Datasheet HTML 7Page - Analog Devices AD7899 Datasheet HTML 8Page - Analog Devices AD7899 Datasheet HTML 9Page - Analog Devices AD7899 Datasheet HTML 10Page - Analog Devices AD7899 Datasheet HTML 11Page - Analog Devices AD7899 Datasheet HTML 12Page - Analog Devices AD7899 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD7899
–9–
AD7899-1
VINA
TRACK/HOLD
TO ADC
REFERENCE
CIRCUITRY
TO INTERNAL
COMPARATOR
R4
R1
R2
6k
2.5V
REFERENCE
R3
GND
VINB
VREF
Figure 2. AD7899-1 Analog Input Structure
For the AD7899-1, R1 = 4 k
Ω, R2 = 16 kΩ, R3 = 16 kΩ and
R4 = 8 k
Ω. The resistor input stage is followed by the high
input impedance stage of the track/hold amplifier.
The designed code transitions take place midway between suc-
cessive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs
etc.) LSB size is given by the formula, 1 LSB = FSR/16384. For
the
±5 V range, 1 LSB = 10 V/16384 = 610.4 µV. For the ±10 V
range, 1 LSB = 20 V/16384 = 1.22 mV. Output coding is
two’s complement binary with 1 LSB = FSR/16384. The ideal
input/output transfer function for the AD7899-1 is shown in
Table I.
Table I. Ideal Input/Output Code Table for the AD7899-1
Digital Output
Analog Input
1
Code Transition
+FSR/2 – 3/2 LSB
2
011 . . . 110 to 011 . . . 111
+FSR/2 – 5/2 LSB
011 . . . 101 to 011 . . . 110
+FSR/2 – 7/2 LSB
011 . . . 100 to 011 . . . 101
GND + 3/2 LSB
000 . . . 001 to 000 . . . 010
GND + 1/2 LSB
000 . . . 000 to 000 . . . 001
GND – 1/2 LSB
111 . . . 111 to 000 . . . 000
GND – 3/2 LSB
111 . . . 110 to 111 . . . 111
–FSR/2 + 5/2 LSB
100 . . . 010 to 100 . . . 011
–FSR/2 + 3/2 LSB
100 . . . 001 to 100 . . . 010
–FSR/2 + 1/2 LSB
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range and is 20 V for the
±10 V range and 10 V for the ±5 V
range, with VREF = 2.5 V.
21 LSB = FSR/16384 = 1.22 mV (
±10 V – AD7899-1) and 610.4 µV (±5 V –
AD7899-1) with VREF = 2.5 V.
AD7899-2
Figure 3 shows the analog input section of the AD7899-2. Each
input can be configured for 0 V to 5 V operation or 0 V to 2.5 V
operation. For 0 V to 5 V operation, the VINB input is tied to
GND and the input voltage is applied to the VINA input. For
0 V to 2.5 V operation, the VINA and VINB inputs are tied together
and the input voltage is applied to both. The VINA and VINB
inputs are symmetrical and fully interchangeable.
For the AD7899-2, R1 = 4 k
Ω and R2 = 4 kΩ. Once again, the
designed code transitions occur on successive integer LSB values.
Output coding is straight (natural) binary with 1 LSB = FSR/
16384 = 2.5 V/16384 = 0.153 mV, and 5 V/16384 = 0.305 mV,
for the 0 to 2.5 V and the 0 to 5 V options respectively. Table
II shows the ideal input and output transfer function for the
AD7899-2.
AD7899-2
VINA
TRACK/HOLD
TO ADC
REFERENCE
CIRCUITRY
TO INTERNAL
COMPARATOR
R1
6k
2.5V
REFERENCE
R2
VINB
VREF
Figure 3. AD7899-2 Analog Input Structure
Table II. Ideal Input/Output Code Table for the AD7899-2
Digital Output
Analog Input
1
Code Transition
+FSR – 3/2 LSB
2
111 . . . 110 to 111 . . . 111
+FSR – 5/2 LSB
111 . . . 101 to 111 . . . 110
+FSR – 7/2 LSB
111 . . . 100 to 111 . . . 101
GND + 5/2 LSB
000 . . . 010 to 000 . . . 011
GND + 3/2 LSB
000 . . . 001 to 000 . . . 010
GND + 1/2 LSB
000 . . . 000 to 000 . . . 001
NOTES
1FSR is Full-Scale Range and is 0 to 2.5 V and 0 to 5 V for AD7899-2 with V
REF
= 2.5 V.
21 LSB = FSR/16384 and is 0.153 mV (0 to 2.5 V) and 0.305 mV (0 to 5 V) for
AD7899-2 with VREF = 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com