Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 3 Page - Analog Devices

  AD7899 Datasheet HTML 1Page - Analog Devices AD7899 Datasheet HTML 2Page - Analog Devices AD7899 Datasheet HTML 3Page - Analog Devices AD7899 Datasheet HTML 4Page - Analog Devices AD7899 Datasheet HTML 5Page - Analog Devices AD7899 Datasheet HTML 6Page - Analog Devices AD7899 Datasheet HTML 7Page - Analog Devices AD7899 Datasheet HTML 8Page - Analog Devices AD7899 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD7899
ABS
Parameter
Version
1
Version
1
Version
1
Unit
Test Conditions/Comments
L
OGIC INPUTS
Input High Voltage, VINH
VDRIVE/2 + 0.4 VDRIVE/2 + 0.4 VDRIVE/2 + 0.4
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
VDRIVE/2 – 0.4
VDRIVE/2 – 0.4
VDRIVE/2 – 0.4
V max
VDD = 5 V
± 5%
Input Current, IIN
±10
±10
±10
µA max
Input Capacitance, CIN
4
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.4
VDRIVE – 0.4
VDRIVE – 0.4
V min
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB13–DB0
High Impedance
Leakage Current
±10
±10
±10
µA max
Capacitance
4
10
10
10
pF max
Output Coding
AD7899-1, AD7899-3
Two’s Complement
AD7899-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
2.2
2.2
2.2
µs max
Track/Hold Acquisition Time
2, 3
0.3
0.3
0.3
µs max
Throughput Time
400
400
400
kSPS max
POWER REQUIREMENTS
VDD
5
5
5
V nom
IDD
Normal Mode
25
25
25
mA max
Typically 16 mA
Standby Mode
20
20
20
µA max
(5
µA typ) Logic Inputs = 0 V or
VDD
Power Dissipation
Normal Mode
125
125
125
mW max
Typically 80 mW, VDD = 5 V
Standby Mode
100
100
125
µW max
NOTES
1 Temperature Ranges are as follows : A, B Versions: –40 C to +85 C. S Version: –55
°C to +125°C.
2 Performance measured through full channel (SHA and ADC).
3 See Terminology.
4Sample tested @ 25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com