Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 1 Page - Analog Devices

  AD7899 Datasheet HTML 1Page - Analog Devices AD7899 Datasheet HTML 2Page - Analog Devices AD7899 Datasheet HTML 3Page - Analog Devices AD7899 Datasheet HTML 4Page - Analog Devices AD7899 Datasheet HTML 5Page - Analog Devices AD7899 Datasheet HTML 6Page - Analog Devices AD7899 Datasheet HTML 7Page - Analog Devices AD7899 Datasheet HTML 8Page - Analog Devices AD7899 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7899
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
5 V Single Supply
14-Bit 400 kSPS ADC
FUNCTIONAL BLOCK DIAGRAM
TRACK/HOLD
AVDD
VREF
BUSY/
EOC
CLKIN
RD
CS
AD7899
VINB
VINA
+
–
14-BIT
ADC
OUTPUT
LATCH
DB0
DB13
CONVERSION
CONTROL
LOGIC
INT/EXT
CLOCK
SELECT
INT
CLOCK
SIGNAL
SCALING
2.5V
REFERENCE
6k
VDRIVE
CONVST
OPGND
GND
STBY
FEATURES
Fast (2.2
s) 14-Bit ADC
400 kSPS Throughput Rate
0.3
s Track/Hold Acquisition Time
Single Supply Operation
Selection of Input Ranges:
10 V,
5 V and
2.5 V
0 V to 2.5 V and 0 V to 5 V
High-Speed Parallel Interface which Also Allows
Interfacing to 3 V Processors
Low Power, 80 mW Typ
Power-Saving Mode, 20
W Typ
Overvoltage Protection on Analog Inputs
Power-Down Mode via STBY Pin
GENERAL DESCRIPTION
The AD7899 is a fast, low-power, 14-bit A/D converter that
operates from a single 5 V supply. The part contains a 2.2
µs
successive-approximation ADC, a track/hold amplifier, 2.5 V
reference, on-chip clock oscillator, signal conditioning circuitry,
and a high-speed parallel interface. The part accepts analog input
ranges of
±10 V, ±5 V, ±2.5 V, 0 V to 2.5 V, and 0 V to 5 V.
Overvoltage protection on the analog input for the part allows
the input voltage to be exceeded without damaging the parts.
Speed of conversion can be controlled either by an internally
trimmed clock oscillator or by an external clock.
A conversion start signal (
CONVST) places the track/hold into
hold mode and initiates conversion. The BUSY/
EOC signal
indicates the end of the conversion.
Data is read from the part via a 14-bit parallel data bus using the
standard
CS and RD signals. Maximum throughput for the
AD7899 is 400 kSPS.
The AD7899 is available in a 28-lead SOIC and SSOP packages.
PRODUCT HIGHLIGHTS
1. The AD7899 features a fast (2.2
µs) ADC allowing through-
put rates of up to 400 kSPS.
2. The AD7899 operates from a single 5 V supply and con-
sumes only 80 mW typ making it ideal for low power and
portable applications.
3. The part offers a high-speed parallel interface. The interface
can operate in 3 V and 5 V mode allowing for easy connec-
tion to 3 V or 5 V microprocessors, microcontrollers, and
digital signal processors.
4. The part is offered in three versions with different analog
input ranges. The AD7899-1 offers the standard industrial
ranges of
±10 V and ±5 V; the AD7899-2 offers a unipolar
range of 0 V to 2.5 or 0 V to 5 V, and the AD7899-3 has an
input range of
±2.5 V.


Similar Part No. - AD7899

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899 AD-AD7899 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-1 AD-AD7899AR-1 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-2 AD-AD7899AR-2 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7899AR-3 AD-AD7899AR-3 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
More results

Similar Description - AD7899

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856 AD-AD7856 Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
AD7858 AD-AD7858 Datasheet
315Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV.B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com