Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 2 Page - Analog Devices

  AD7899 Datasheet HTML 1Page - Analog Devices AD7899 Datasheet HTML 2Page - Analog Devices AD7899 Datasheet HTML 3Page - Analog Devices AD7899 Datasheet HTML 4Page - Analog Devices AD7899 Datasheet HTML 5Page - Analog Devices AD7899 Datasheet HTML 6Page - Analog Devices AD7899 Datasheet HTML 7Page - Analog Devices AD7899 Datasheet HTML 8Page - Analog Devices AD7899 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD7899–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, VREF = Internal. Clock = Internal, all specifications
TMIN to TMAX and valid for VDRIVE = 3 V
5% and 5 V
5% unless otherwise noted.)
ABS
Parameter
Version
1
Version
1
Version
1
Unit
Test Conditions/Comments
SAMPLE AND HOLD
–0.1 dB Full Power Bandwidth
500
500
500
kHz typ
–3 dB Full Power Bandwidth
4.5
4.5
4.5
MHz typ
Aperture Delay
20
20
20
ns max
Aperture Jitter
25
25
25
ps typ
DYNAMIC PERFORMANCE
2
fIN = 100 kHz, fS = 400 kSPS
AD7899-1
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
78
78
dB min
TMIN to TMAX
78
78
77
dB min
Total Harmonic Distortion
3
–84
–84
–82
dB max
Peak Harmonic or Spurious Noise
3
–86
–86
–85
dB max
AD7899-2
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
dB min
TMIN to TMAX
77
dB min
Total Harmonic Distortion
3
–82
dB max
Peak Harmonic or Spurious Noise
3
–82
dB max
AD7899-3
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
78
dB min
TMIN to TMAX
77
77
dB min
Total Harmonic Distortion
3
–84
–84
dB max
Peak Harmonic or Spurious Noise
3
–86
–86
dB max
Intermodulation Distortion
3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–89
–89
–89
dB typ
3rd Order Terms
–89
–89
–89
dB typ
DC ACCURACY
Resolution
14
14
14
Bits
Relative Accuracy (INL)
3
± 2
±1.5
±2
LSB max
Differential Nonlinearity (DNL)
3
± 1
± 1
±1
LSB max
No Missing Codes Guaranteed
AD7899-1
Input Voltage Range
±5, ±10
±5, ±10
Volts
Input Current
0.8, 0.8
0.8, 0.8
mA max
VIN = –5 V and –10 V Respectively
Positive Gain Error
3
±10
± 8
±12
LSB max
Negative Gain Error
3
±10
± 8
±12
LSB max
Bipolar Zero Error
±12
± 8
±12
LSB max
AD7899-2
Input Voltage Range
0 to 2.5
Volts
0 to 5
Input Current
0.4, 800
µA max
VIN = 2.5 V, VIN = 5 V
Positive Gain Error
3
±14
LSB max
Offset Error
3
±10
LSB max
AD7899-3
Input Voltage Range
±2.5
±2.5
Volts
Input Current
0.8
0.8
mA max
VIN = –2.5 V
Positive Gain Error
3
±14
±12
LSB max
Negative Gain Error
3
±14
±12
LSB max
Bipolar Zero Error
±14
±12
LSB max
REFERENCE INPUT/OUTPUT
VREF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
VMIN/VMAX
2.5 V
± 5%
VREF IN Input Capacitance
4
10
10
10
pF max
VREF OUT Output Voltage
2.5
2.5
2.5
V nom
VREF OUT Error @ 25 C
±10
±10
±10
mV max
VREF OUT Error TMIN to TMAX
±20
±20
±25
mV max
VREF OUT Temperature Coefficient
25
25
25
ppm/ C typ
VREF OUT Output Impedance
6
6
6
k
Ω typ
See Reference Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com