Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7899 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7899 Datasheet HTML 8Page - Analog Devices AD7899 Datasheet HTML 9Page - Analog Devices AD7899 Datasheet HTML 10Page - Analog Devices AD7899 Datasheet HTML 11Page - Analog Devices AD7899 Datasheet HTML 12Page - Analog Devices AD7899 Datasheet HTML 13Page - Analog Devices AD7899 Datasheet HTML 14Page - Analog Devices AD7899 Datasheet HTML 15Page - Analog Devices AD7899 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD7899
–13–
FREQUENCY – Hz
–140
0
50000
100000
150000
200000
fs = 400kHz
fIN = 100kHz
SNR = 80.5dB
–120
–100
–80
–60
–40
–20
0
Figure 10. FFT Plot
Effective Number of Bits
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
obtain a measure of performance expressed in effective number
of bits (N).
N
=
SNR
−1.76
6.02
(2)
The effective number of bits for a device can be calculated directly
from its measured SNR. Figure 11 shows a typical plot of effec-
tive number of bits versus frequency for an AD7899.
INPUT FREQUENCY – kHz
0
0
100
1000
10000
–55 C
+25 C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+125 C
Figure 11. Effective Numbers of Bits vs. Frequency
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3 . . ., etc. Intermodulation terms are those for
which neither m nor n are equal to zero. For example, the sec-
ond order terms include (fa + fb) and (fa – fb) while the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
The AD7899 is tested using two input frequencies. In this case
the second and third order terms are of different significance.
The second order terms are usually distanced in frequency from
the original sine waves while the third order terms are usually at
a frequency close to the input frequencies. As a result, the
second and third order terms are specified separately. The cal-
culation of the intermodulation distortion is as per the THD
specification where it is the ratio of the rms sum of the indi-
vidual distortion products to the rms amplitude of the fundamental
expressed in dBs. In this case, the input consists of two, equal
amplitude, low distortion sine waves. Figure 12 shows a typical
IMD plot for the AD7899.
FREQUENCY – Hz
–140
0
50000
100000
150000
200000
–120
–100
–80
–60
–40
–20
0
Figure 12. IMD Plot
AC Linearity Plots
The plots in Figure 13 show typical DNL and INL for the
AD7899.
0
2000
4000
16000
1.00
ADC – Code
–1.00
6000
8000
10000 12000
14000
–0.50
0
0.50
0
2000
4000
16000
1.00
ADC – Code
–1.00
6000
8000
10000 12000
14000
–0.50
0
0.50
Figure 13. Typical DNL and INL Plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com