Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7868 Datasheet (PDF) - Analog Devices

AD7868 Datasheet PDF - Analog Devices
Part # AD7868
Download  AD7868 Download
File Size   337.32 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 12-Bit Analog I/O System

AD7868 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7868 Datasheet PDF - Analog Devices

Part # AD7868
Download  AD7868 Click to download

File Size   337.32 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 12-Bit Analog I/O System

AD7868 Datasheet (HTML) - Analog Devices


AD7868 Product details

GENERAL DESCRIPTION
The AD7868 is a complete 12-bit I/O system containing a DAC and an ADC . The ADC is a successive approximation type with a track-and-hold amplifier having a combined throughput rate of 83 kHz. The DAC has an output buffer amplifier with a settling time of 3 µs to 12 bits. Temperature compensated 3 V buried Zener references provide precision references for the DAC and ADC.

FEATURES
   Complete 12-Bit I/O System, Comprising:
      12-Bit ADC with Track/Hold Amplifier
         83 kHz Throughout Rate
         72 dB SNR
      12-Bit DAC with Output Amplifier
         3 μs Settling Time
         72 dB SNR
      On-Chip Voltage Reference
   Operates from 65 V Supplies
   Low Power – 130 mW typ
   Small 0.3" Wide DIP

APPLICATIONS
   Digital Signal Processing
   Speech Recognition and Synthesis
   Spectrum Analysis
   High Speed Modems
   DSP Servo Control




Similar Part No. - AD7868

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
LC MOS Complete, 12-Bit Analog I/O System
REV. B
More results


Similar Description - AD7868

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV.B
AD7769 AD-AD7769 Datasheet
265Kb / 16P
LC2MOS Analog I/O Port
REV.A
AD7869 AD-AD7869 Datasheet
297Kb / 16P
LC2MOS Complete, 14-Bit Analog I/O System
REV.A
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
LC MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
LC MOS Complete, 14-Bit Analog I/O System
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com