Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7869 Datasheet (PDF) - Analog Devices

AD7869 Datasheet PDF - Analog Devices
Part # AD7869
Download  AD7869 Download
File Size   297.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 14-Bit Analog I/O System

AD7869 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7869 Datasheet PDF - Analog Devices

Part # AD7869
Download  AD7869 Click to download

File Size   297.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 14-Bit Analog I/O System

AD7869 Datasheet (HTML) - Analog Devices


AD7869 Product details

GENERAL DESCRIPTION
The AD7869 is a complete 14-bit I/O system containing a DAC and an ADC. The ADC is a successive approximation type with a track-and-hold amplifier, having a combined throughput rate of 83 kHz. The DAC has an output buffer amplifier with a settling time of 4 µs to 14 bits. Temperature compensated 3 V buried Zener references provide precision references for the DAC and ADC.

FEATURES
   Complete 14-Bit l/O System, Comprising
      14-Bit ADC with Track/Hold Amplifier
         83 kHz Throughput Rate
      14-Bit DAC with Output Amplifier
         3.5 μs Settling Time
   On-Chip Voltage Reference
   Operates from ±5 V Supplies
   Low Power—130 mW typ
   Small 0.3" Wide DIP

APPLICATIONS
   Digital Signal Processing
   Speech Recognition and Synthesis
   Spectrum Analysis
   High Speed Modems
   DSP Servo Control




Similar Part No. - AD7869

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
LC MOS Complete, 14-Bit Analog I/O System
REV. B
More results


Similar Description - AD7869

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV.B
AD7769 AD-AD7769 Datasheet
265Kb / 16P
LC2MOS Analog I/O Port
REV.A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
LC2MOS Complete, 12-Bit Analog I/O System
REV.B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
LC MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
LC MOS Complete, 14-Bit Analog I/O System
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com