Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7893 Datasheet (PDF) - Analog Devices

AD7893 Datasheet PDF - Analog Devices
Part # AD7893
Download  AD7893 Download
File Size   340.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package

AD7893 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7893 Datasheet PDF - Analog Devices

Part # AD7893
Download  AD7893 Click to download

File Size   340.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package

AD7893 Datasheet (HTML) - Analog Devices


AD7893 Product details

GENERAL DESCRIPTION
The AD7893 is a fast, 12-bit ADC that operates from a single +5 V supply and is housed in a small 8-pin mini-DIP and 8-pin SOIC. The part contains a 6 µs successive approximation A/D converter, an on-chip track/hold amplifier, an on-chip clock and a high speed serial interface.

FEATURES
    Fast 12-Bit ADC with 6 μs Conversion Time
    8-Pin Mini-DlP and SOIC
    Single Supply Operation
    High Speed, Easy-to-Use, Serial Interface
    On-Chip Track/Hold Amplifier
    Selection of Input Ranges
        ±10 V for AD7893-10
        ±2.5 V for AD7893-3
        0 V to +2.5 V for AD7893-2
        0 V to +5 V for AD7893-5
    Low Power: 25 mW typ




Similar Part No. - AD7893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
375Kb / 13P
LC2MOS 12-Bit ADC in 8-Pin Package
23-Feb-2017
AD7893AN-10 AD-AD7893AN-10 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
More results


Similar Description - AD7893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7576 AD-AD7576 Datasheet
772Kb / 8P
LC2MOS 10 us uP-Compatible 8-Bit ADC
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893 AD-AD7893_17 Datasheet
375Kb / 13P
LC2MOS 12-Bit ADC in 8-Pin Package
23-Feb-2017
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com