Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7893 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7893
Description  LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7893 Datasheet(HTML) 2 Page - Analog Devices

  AD7893 Datasheet HTML 1Page - Analog Devices AD7893 Datasheet HTML 2Page - Analog Devices AD7893 Datasheet HTML 3Page - Analog Devices AD7893 Datasheet HTML 4Page - Analog Devices AD7893 Datasheet HTML 5Page - Analog Devices AD7893 Datasheet HTML 6Page - Analog Devices AD7893 Datasheet HTML 7Page - Analog Devices AD7893 Datasheet HTML 8Page - Analog Devices AD7893 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD7893–SPECIFICATIONS
AB
S
Parameter
Versions
l
Versions
Version
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to (Noise + Distortion) Ratio
2
@ +25
°C
70
70
70
dB min
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Total Harmonic Distortion (THD)
2
–80
–80
–80
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Peak Harmonic or Spurious Noise
2
–80
–80
–80
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Intermodulation Distortion (IMD)
2
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 117 kHz
2nd Order Terms
–80
–80
–80
dB max
3rd Order Terms
–80
–80
–80
dB max
DC ACCURACY
Resolution
12
12
12
Bits
Minimum Resolution for which
No Missing Codes are Guaranteed
12
12
12
Bits
Relative Accuracy
2
±1
±1/2
±1
LSB max
Differential Nonlinearity
2
±1
±1
±1
LSB max
Positive Full-Scale Error
2
±3
±1.5
±3
LSB max
AD7893-2, AD7893-5
Unipolar Offset Error
±4
±3
±4
LSB max
AD7893-10, AD7893-3
Negative Full-Scale Error
2
±3
±1.5
±3
LSB max
Bipolar Zero Error
±4
±2
±4
LSB max
ANALOG INPUT
AD7893-10
Input Voltage Range
±10
±10
±10
Volts
Input Resistance
16
16
16
k
Ω min
AD7893-3
Input Voltage Range
±2.5
±2.5
±2.5
Volts
Input Resistance
4
4
4
k
Ω min
AD7893-5
Input Voltage Range
0 to +5
0 to +5
0 to +5
Volts
Input Resistance
9
9
9
k
Ω min
AD7893-2
Input Voltage Range
0 to +2.5
0 to +2.5
0 to +2.5
Volts
Input Current
500
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
V min/V max 2.5 V
± 5%
Input Current
2
2
10
µA max
Input Capacitance
3
10
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
3
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7893-10, AD7893-3
2s Complement
AD7893-2, AD7893-5
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
6
6
6
µs max
Track/Hold Acquisition Time
2
1.5
1.5
1.5
µs max
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
IDD
9
9
9
mA max
Power Dissipation
45
45
45
mW max
Typically 25 mW
NOTES
1Temperature Ranges are as follows: A, B Versions: –40
°C to +85°C, S Version: –55°C to +125°C.
2See Terminology.
3Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.
REV. E
–2–
(VDD = +5 V, AGND = DGND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com