Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7894 Datasheet (PDF) - Analog Devices

AD7894 Datasheet PDF - Analog Devices
Part # AD7894
Download  AD7894 Download
File Size   131.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package

AD7894 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7894 Datasheet PDF - Analog Devices

Part # AD7894
Download  AD7894 Click to download

File Size   131.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package

AD7894 Datasheet (HTML) - Analog Devices


AD7894 Product details

GENERAL DESCRIPTION
The AD7894 is a fast, 14-bit ADC that operates from a single +5 V supply and is housed in a small 8-lead SOIC. The part contains a 5 µs successive approximation A/D converter, an on-chip track/hold amplifier, an on-chip clock and a high speed serial interface.

FEATURES
    Fast 14-Bit ADC with 5 ms Conversion Time
    8-Lead SOIC Package
    Single 5 V Supply Operation
    High Speed, Easy-to-Use, Serial Interface
    On-Chip Track/Hold Amplifier
    Selection of Input Ranges
        ±10 V for AD7894-10
        ±2.5 V for AD7894-3
        0 V to +2.5 V for AD7894-2
    High Input Impedance
    Low Power: 20 mW Typ
    Pin Compatible Upgrade of 12-Bit AD7895




Similar Part No. - AD7894

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7894 AD-AD7894 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
167Kb / 13P
5 V, 14-Bit Serial, ADC in SO-8 Package
23-Feb-2017
AD7894AR-10 AD-AD7894AR-10 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894AR-10 AD-AD7894AR-10 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
More results


Similar Description - AD7894

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV.0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-2 AD-AD7894ARZ-2 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7894 AD-AD7894_15 Datasheet
135Kb / 12P
5 V, 14-Bit Serial, 5s ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
5 V, 14-Bit Serial, ADC in SO-8 Package
23-Feb-2017
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com