Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4611 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4611 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4611
Download  AO4611 Download
File Size   219.56 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V Dual P N-Channel MOSFET

AO4611 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4611 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4611
Download  AO4611 Click to download

File Size   219.56 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V Dual P N-Channel MOSFET

AO4611 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4611 Product details

General Description
The AO4611 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used to form a level shifted high side switch, and for a host of other applications.

Product Summary
   N-Channel                     P-Channel
   VDS(V) = 60V                -60V
   ID = 6.3A (VGS=10V)    -4.9A
   RDS(ON)                  
   < 25mΩ(VGS=10V)      < 42mΩ(VGS= -10V)
   < 30mΩ(VGS=4.5V)     < 52mΩ(VGS= -4.5V)
​​​​​​​
   100% UIS Tested          100% UIS Tested
   100% Rg Tested            100% Rg Tested




Similar Part No. - AO4611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4611 VBSEMI-AO4611 Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4611-HF KEXIN-AO4611-HF Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4611L AOSMD-AO4611L Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
Dual 60V P-Channel PowerTrench MOSFET
logo
Taiwan Semiconductor Co...
TSM4946D TSC-TSM4946D Datasheet
247Kb / 6P
60V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
Dual 60V P-Channel PowerTrench??MOSFET
logo
GOOD-ARK Electronics
SSF6646 GOOD-ARK-SSF6646_15 Datasheet
463Kb / 4P
60V Dual N-Channel MOSFET
logo
TRINAMIC Motion Control...
TMC1620-TO TRINAMIC-TMC1620-TO Datasheet
1Mb / 12P
Dual N & P-Channel 60V Power MOSFET
logo
First Silicon Co., Ltd
FTK6710 FS-FTK6710 Datasheet
1Mb / 6P
60V NP Dual Channel MOSFETs
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com