Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4611 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4611 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4611
Download  AO4611 Download
File Size   166.37 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO4611 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4611 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4611
Download  AO4611 Click to download

File Size   166.37 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO4611 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4611 Product details

General Description
The AO4611 uses advanced trench technology MOSFETs to provide excellent RDS(ON)and low gate charge. The complementary MOSFETs may be used to form a level shifted high side switch,  and for a host of other applications. Standard Product AO4611 is Pb-free (meets ROHS & Sony 259 specifications). AO4611L is a Green
Product ordering option. AO4611 and AO4611L are electrically identical.

Features
   n-channel                            p-channel
   VDS(V) = 60V                     -60V
   ID= 6.3A (VGS=10V)          -4.9A(VGS= -10V)
   RDS(ON)                            RDS(ON)
   < 25mΩ(VGS=10V)            < 42mΩ(VGS= -10V)
   < 30mΩ(VGS=4.5V)           < 52mΩ(VGS= -4.5V)




Similar Part No. - AO4611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4611 AOSMD-AO4611 Datasheet
219Kb / 7P
60V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4611 VBSEMI-AO4611 Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4611-HF KEXIN-AO4611-HF Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4611 AOSMD-AO4611_10 Datasheet
219Kb / 7P
60V Dual P N-Channel MOSFET
More results


Similar Description - AO4611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com