Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP608 Datasheet (PDF) - Alpha & Omega Semiconductors

AOP608 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOP608
Download  AOP608 Download
File Size   142.67 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP608 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOP608 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOP608
Download  AOP608 Click to download

File Size   142.67 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP608 Datasheet (HTML) - Alpha & Omega Semiconductors


AOP608 Product details

General Description
The AOP608 uses advanced trench technology MOSFETs to provide excellen and low gate charge. The complementary MOSFETs may be used in H-bridge, Inverters and other applications. Standard Product AOP608 is Pb-free (meets ROHS & Sony 259 specifications). AOP608L is a GreenProduct ordering option. AOP608 and AOP608L are electrically identical.

Features
    n-channel                                  p-channel
    VDS (V) = 40V                          -40V
    ID = 6.3A (VGS=10V)               -5.5A (VGS = -10V)
    RDS(ON)                                   RDS(ON)
    < 33mΩ (VGS=10V)                  < 45mΩ (VGS = -10V)
    < 46mΩ (VGS=4.5V)                 < 63mΩ (VGS = -4.5V)




Similar Part No. - AOP608

ManufacturerPart #DatasheetDescription
logo
Clarke International
AOP60 CLARKE-AOP60 Datasheet
2Mb / 8P
SODA BLAST CONVERSION KIT
LS0216
logo
Alpha & Omega Semicondu...
AOP600 AOSMD-AOP600 Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP600L AOSMD-AOP600L Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP601 AOSMD-AOP601 Datasheet
157Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AOP601L AOSMD-AOP601L Datasheet
157Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AOP608

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com