Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP601 Datasheet (PDF) - Alpha & Omega Semiconductors

AOP601 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOP601
Download  AOP601 Download
File Size   157.29 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP601 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOP601 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOP601
Download  AOP601 Click to download

File Size   157.29 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AOP601 Datasheet (HTML) - Alpha & Omega Semiconductors


AOP601 Product details

General Description

The AOP601 uses advanced trench technology to provide excellent RDS(ON)and low gate charge. The complementary MOSFETs form a high-speed power inverter, suitable for a multitude of applications. A Schottky diode in parallel with the n-channel FET reduces body diode related losses.  Standard Product AOP601 is Pb-free (meets ROHS & Sony 259 specifications). AOP601L is a Green Product ordering option. AOP601 and AOP601L are

electrically identical.



Features

n-channel                      p-channel

VDS(V) = 30V                 -30V

ID= 7.5A (VGS = 10V)      -6.6A

RDS(ON)

< 28mΩ                       < 35mΩ(VGS= -10V)

< 43mΩ                       < 58mΩ(VGS=-4.5V)

Schottky

VDS=30V, IF=3A, VF<0.5V@1A




Similar Part No. - AOP601

ManufacturerPart #DatasheetDescription
logo
Clarke International
AOP60 CLARKE-AOP60 Datasheet
2Mb / 8P
SODA BLAST CONVERSION KIT
LS0216
logo
Alpha & Omega Semicondu...
AOP600 AOSMD-AOP600 Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP600L AOSMD-AOP600L Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
OPTEK Technologies
AOP604 OPTEK-AOP604 Datasheet
842Kb / 11P
Complementary Enhancement Mode Field Effect Transistor
March 2003
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605 Datasheet
188Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AOP601

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com