Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8009 Datasheet (PDF) - Analog Devices

AD8009 Datasheet PDF - Analog Devices
Part # AD8009
Download  AD8009 Download
File Size   229.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz, 5,500 V/us Low Distortion Amplifier

AD8009 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8009 Datasheet PDF - Analog Devices

Part # AD8009
Download  AD8009 Click to download

File Size   229.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz, 5,500 V/us Low Distortion Amplifier

AD8009 Datasheet (HTML) - Analog Devices


AD8009 Product details

PRODUCT DESCRIPTION

The AD8009 is an ultrahigh speed current feedback amplifier with a phenomenal 5,500 V/µs slew rate that results in a rise time of 545 ps, making it ideal as a pulse amplifier. The high slew rate reduces the effect of slew rate limiting and results in the large signal bandwidth of 440 MHz required for high resolution video graphic systems. Signal quality is maintained over a wide bandwidth with worst-case distortion of –40 dBc @ 250 MHz (G = +10, 1 V p-p). For applications with multitone signals, such as IF signal chains, the third order intercept (3IP) of 12 dBm is achieved at the same frequency. This distortion performance coupled with the current feedback architecture make the AD8009 a flexible component for a gain stage amplifier in IF/RF signal chains.



FEATURES

Ultrahigh Speed

  5,500 V/s Slew Rate, 4 V Step, G = +2

  545 ps Rise Time, 2 V Step, G = +2

  Large Signal Bandwidth

   440 MHz, G = +2

   320 MHz, G = +10

  Small Signal Bandwidth (–3 dB)

   1 GHz, G = +1

   700 MHz, G = +2

  Settling Time 10 ns to 0.1%, 2 V Step, G = +2

Low Distortion over Wide Bandwidth

  SFDR

   –66 dBc @ 20 MHz, Second Harmonic

   –75 dBc @ 20 MHz, Third Harmonic

  Third Order Intercept (3IP)

   26 dBm @ 70 MHz, G = +10

Good Video Specifications

  Gain Flatness 0.1 dB to 75 MHz

  0.01% Differential Gain Error, RL = 150 

  0.01 Differential Phase Error, RL = 150 

High Output Drive

  175 mA Output Load Drive

  10 dBm with –38 dBc SFDR @ 70 MHz, G = +10

Supply Operation

  +5 V to 5 V Voltage Supply

  14 mA (Typ) Supply Current



APPLICATIONS

Pulse Amplifier

IF/RF Gain Stage/Amplifiers

High Resolution Video Graphics

High Speed Instrumentations

CCD Imaging Amplifier




Similar Part No. - AD8009

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009ACHIPS AD-AD8009ACHIPS Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR AD-AD8009AR Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL7 AD-AD8009AR-REEL7 Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
More results


Similar Description - AD8009

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350 Datasheet
179Kb / 11P
Low Distortion 1.0 GHz Differential Amplifier
REV.0
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
logo
Analog Devices
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8009 AD-AD8009_04 Datasheet
392Kb / 16P
1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Analog Devices
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
logo
Analog Devices
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com