Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8350 Datasheet (PDF) - Analog Devices

AD8350 Datasheet PDF - Analog Devices
Part # AD8350
Download  AD8350 Download
File Size   179.69 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 1.0 GHz Differential Amplifier

AD8350 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8350 Datasheet PDF - Analog Devices

Part # AD8350
Download  AD8350 Click to download

File Size   179.69 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 1.0 GHz Differential Amplifier

AD8350 Datasheet (HTML) - Analog Devices


AD8350 Product details

PRODUCT DESCRIPTION
The AD8350 series are high performance fully-differential amplifiers useful in RF and IF circuits up to 1000 MHz. The amplifier has excellent noise figure of 5.9 dB at 250 MHz. It offers a high output third order intercept (OIP3) of +28 dBm at 250 MHz. Gain versions of 15 dB and 20 dB are offered.
The AD8350 is designed to meet the demanding performance requirements of communications transceiver applications. It enables a high dynamic range differential signal chain, with exceptional linearity and increased common-mode rejection. The device can be used as a general purpose gain block, an A-to-D driver, and high speed data interface driver, among other functions. The AD8350 input can also be used as a single-ended-to-differential converter.

FEATURES
   High Dynamic Range
      Output IP3: +28 dBm: Re 50 Ω @ 250 MHz
   Low Noise Figure: 5.9 dB @ 250 MHz
   Two Gain Versions:
      AD8350-15: 15 dB
      AD8350-20: 20 dB
   –3 dB Bandwidth: 1.0 GHz
   Single Supply Operation: 5 V to 10 V
   Supply Current: 28 mA
   Input/Output Impedance: 200 Ω
   Single-Ended or Differential Input Drive
   8-Lead SOIC Package and 8-Lead microSOIC Package
  
APPLICATIONS
   Cellular Base Stations
   Communications Receivers
      RF/IF Gain Block
      Differential A-to-D Driver
      SAW Filter Interface
   Single-Ended-to-Differential Conversion
   High Performance Video
   High Speed Data Transmission




Similar Part No. - AD8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350 AD-AD8350 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
AD8350-EVAL AD-AD8350-EVAL Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350AR15 AD-AD8350AR15 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350AR15-REEL AD-AD8350AR15-REEL Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
More results


Similar Description - AD8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com