Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSH2-40FL Datasheet (PDF) - Central Semiconductor Corp

CMSH2-40FL Datasheet PDF - Central Semiconductor Corp
Part # CMSH2-40FL
Download  CMSH2-40FL Download
File Size   1741.42 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 2.0A, 40V Schottky Rectifier in the SMAFL package

CMSH2-40FL Datasheet (PDF)

Go To PDF Page Download Datasheet
CMSH2-40FL Datasheet PDF - Central Semiconductor Corp

Part # CMSH2-40FL
Download  CMSH2-40FL Click to download

File Size   1741.42 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 2.0A, 40V Schottky Rectifier in the SMAFL package

CMSH2-40FL Datasheet (HTML) - Central Semiconductor Corp




Similar Part No. - CMSH2-40FL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-40FL CENTRAL-CMSH2-40FL_15 Datasheet
411Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Similar Description - CMSH2-40FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
logo
WILLAS ELECTRONIC CORP
SL22-L WILLAS-SL22-L Datasheet
320Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
CMSH3-40FL CENTRAL-CMSH3-40FL Datasheet
1Mb / 2P
3.0A, 40V Schottky Rectifier in the SMBFL package
logo
Diodes Incorporated
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com