Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSH3-40FL Datasheet (PDF) - Central Semiconductor Corp

CMSH3-40FL Datasheet PDF - Central Semiconductor Corp
Part # CMSH3-40FL
Download  CMSH3-40FL Download
File Size   1743.82 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 3.0A, 40V Schottky Rectifier in the SMBFL package

CMSH3-40FL Datasheet (PDF)

Go To PDF Page Download Datasheet
CMSH3-40FL Datasheet PDF - Central Semiconductor Corp

Part # CMSH3-40FL
Download  CMSH3-40FL Click to download

File Size   1743.82 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 3.0A, 40V Schottky Rectifier in the SMBFL package

CMSH3-40FL Datasheet (HTML) - Central Semiconductor Corp


CMSH3-40FL Product details

Central Semiconductor’s CMSH3-40FL, packaged in the SMBFL case, is an extremely energy efficient Schottky rectifier ideal for portable battery powered applications requiring a significantly lower profile. The SMBFL fits on industry standard SMB mounting pads.

Features:
• High current capability
• Low leakage current
• Low forward voltage
• High surge capability
• Low package profile

Applications:
• Reverse polarity protection
• Voltage clamping
• DC-DC output rectification
• Power management

Benefits:
• Energy efficiency
• Space saving low profile package




Similar Part No. - CMSH3-40FL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Similar Description - CMSH3-40FL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Sanyo Semicon Device
SB30-04A SANYO-SB30-04A Datasheet
61Kb / 3P
40V, 3.0A Rectifier
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB34-A GULFSEMI-SB34-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
CMSH2-40FL CENTRAL-CMSH2-40FL Datasheet
1Mb / 2P
2.0A, 40V Schottky Rectifier in the SMAFL package
CMSH3-100MHV_SERIES CENTRAL-CMSH3-100MHV_SERIES Datasheet
1Mb / 2P
3.0A, 100V thru 200V Schottky Rectifiers in the SMB package
logo
PACELEADER INDUSTRIAL
PFM340-ALS PACELEADER-PFM340-ALS Datasheet
625Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com