Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8023 Datasheet (PDF) - Analog Devices

AD8023 Datasheet PDF - Analog Devices
Part # AD8023
Download  AD8023 Download
File Size   553.69 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Current Output, Triple Video Amplifier

AD8023 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8023 Datasheet PDF - Analog Devices

Part # AD8023
Download  AD8023 Click to download

File Size   553.69 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Current Output, Triple Video Amplifier

AD8023 Datasheet (HTML) - Analog Devices


AD8023 Product details

PRODUCT DESCRIPTION
The AD8023 is a high current output drive, high voltage output drive, triple video amplifier. Each amplifier has 70 mA of output current and is optimized for driving large capacitive loads. The amplifiers are current feedback amplifiers and feature gain flatness of 0.1 dB to 10 MHz while offering differential gain and phase error of 0.06% and 0.02°.

FEATURES
   Drives 13 V Output
   Drives Unlimited Capacitive Load
   High Current Output Drive: 70 mA
   Excellent Video Specifications (RL = 150 Ω)
      Gain Flatness 0.1 dB to 10 MHz
      0.06% Differential Gain Error
      0.02 Differential Phase Error
   Power
      Operates on ±2.5 V to ±7.5 V Supply
      10.0 mA/Amplifier Max Power Supply Current
   High Speed
      250 MHz Unity Gain Bandwidth (3 dB)
      1200 V/μs Slew Rate
      Fast Settling Time of 35 ns (0.1%)
   High Speed Disable Function
      Turn-Off Time 30 ns
   Easy to Use
      200 mA Short Circuit Current
      Output Swing to 1 V of Rails

APPLICATIONS
   LCD Displays
   Video Line Driver
   Broadcast and Professional Video
   Computer Video Plug-In Boards
   Consumer Video
   RGB Amplifier in Component Systems




Similar Part No. - AD8023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023 Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
More results


Similar Description - AD8023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
Triple video output amplifier
1999 Oct 26
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
Triple video output amplifier
1999 Oct 29
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
Triple video output amplifier
2002 Oct 18
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
Triple video output amplifier
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
Triple video output amplifier
Rev. 02-28 April 2005
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com