Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8023 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8023
Description  High Current Output, Triple Video Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023 Datasheet(HTML) 2 Page - Analog Devices

  AD8023 Datasheet HTML 1Page - Analog Devices AD8023 Datasheet HTML 2Page - Analog Devices AD8023 Datasheet HTML 3Page - Analog Devices AD8023 Datasheet HTML 4Page - Analog Devices AD8023 Datasheet HTML 5Page - Analog Devices AD8023 Datasheet HTML 6Page - Analog Devices AD8023 Datasheet HTML 7Page - Analog Devices AD8023 Datasheet HTML 8Page - Analog Devices AD8023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AD8023–SPECIFICATIONS
Model
AD8023A
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Bandwidth (3 dB)
RFB = 750
Ω No Peaking, G = +3
125
MHz
Bandwidth (0.1 dB)
No Peaking, G = +3
7
MHz
Slew Rate
5 V Step
1200
V/
µs
Settling Time to 0.1%
0 V to
±6 V (6 V Step)
CLOAD = 300 pF
RLOAD > 1 k
Ω, R
FB = 750
Ω
TA = +25
°C to +70°C, RS = 16.9 Ω
30
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, RL = 150
Ω, V
O = 2 p-p
–72
dBc
Input Voltage Noise
f = 10 kHz
2.0
nV/
√Hz
Input Current Noise
f = 10 kHz (–IIN)
14
pA/
√Hz
Differential Gain (RL = 150
Ω)
f = 3.58 MHz, G = +2, RFB = 750
Ω
0.06
%
Differential Phase (RL = 150
Ω)
f = 3.58 MHz, G = +2, RFB = 750
Ω
0.02
Degrees
DC PERFORMANCE
Input Offset Voltage
TMIN to TMAX
–5
2
5
mV
Offset Drift
2
µV/°C
Input Bias Current (–)
TMIN to TMAX
–45
15
45
µA
Input Bias Current (+)
TMIN to TMAX
–25
5
25
µA
Open-Loop Transresistance
67
111
k
Ω
TMIN to TMAX
50
111
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
TMIN to TMAX
100
k
Ω
–Input
TMIN to TMAX
75
Ω
Input Capacitance
2pF
Input Common-Mode Voltage Range
±6.0
V
Common-Mode Rejection Ratio
Input Offset Voltage
50
56
dB
–Input Current
0.2
µA/V
+Input Current
5
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
Ω
VOL–VEE
0.8
1.0
V
VCC–VOH
0.8
1.0
V
RL = 150
Ω
VOL–VEE
1.0
1.3
V
VCC–VOH
1.0
1.3
V
Output Current
50
70
mA
Short-Circuit Current
300
mA
Capacitive Load Drive
1000
pF
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
70
dB
DC
Input Offset Voltage
–5
0.3
5
mV
–Input Bias Current
–10
3
10
µA
POWER SUPPLY
Operating Range
Single Supply
+4.2
+15
V
Dual Supply
±2.1
±7.5
V
Quiescent Current/Amplifier
6.2
mA
7.0
10.0
mA
TMIN to TMAX
Power-Down
1.3
4.0
mA
(@ TA = +25 C, VS =
7.5, CLOAD = 10 pF, RLOAD = 150
, unless otherwise noted)
–2–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com