Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8042 Datasheet (PDF) - Analog Devices

AD8042 Datasheet PDF - Analog Devices
Part # AD8042
Download  AD8042 Download
File Size   242.7 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 160 MHz Rail-to-Rail Amplifier

AD8042 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8042 Datasheet PDF - Analog Devices

Part # AD8042
Download  AD8042 Click to download

File Size   242.7 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 160 MHz Rail-to-Rail Amplifier

AD8042 Datasheet (HTML) - Analog Devices


AD8042 Product details

GENERAL DESCRIPTION
The AD8042 is a low power voltage feedback, high speed amplifier designed to operate on +3 V, +5 V, or ±5 V supplies. It has true single-supply capability with an input voltage range extending 200 mV below the negative rail and within 1 V of the positive rail.
   
FEATURES
    Single AD8041 and quad AD8044 also available
    Fully specified at +3 V, +5 V, and ±5 V supplies
    Output swings to within 30 mV of either rail
    Input voltage range extends 200 mV below ground
    No phase reversal with inputs 0.5 V beyond supplies
    Low power of 5.2 mA per amplifier
    High speed and fast settling on 5 V
        160 MHz, −3 dB bandwidth (G = +1)
        200 V/μs slew rate
        39 ns settling time to 0.1%
    Good video specifications (RL = 150 Ω, G = +2)
        Gain flatness of 0.1 dB to 14 MHz
        0.02% differential gain error
        0.04° differential phase error
    Low distortion: −64 dBc worst harmonic @ 10 MHz
    Drives 50 mA 0.5 V from supply rails
   
APPLICATIONS
    Video switchers
    Distribution amplifiers
    Analog-to-digital drivers
    Professional cameras
    CCD Imaging systems
    Ultrasound equipment (multichannel)
   




Similar Part No. - AD8042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AR AD-AD8042AR Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Similar Description - AD8042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8646 AD-AD8646 Datasheet
475Kb / 12P
24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
160 MHz Rail-to-Rail Amplifier with Disable
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com