Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8041 Datasheet (PDF) - Analog Devices

AD8041 Datasheet PDF - Analog Devices
Part # AD8041
Download  AD8041 Download
File Size   250.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 160 MHz Rail-to-Rail Amplifier with Disable

AD8041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8041 Datasheet PDF - Analog Devices

Part # AD8041
Download  AD8041 Click to download

File Size   250.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 160 MHz Rail-to-Rail Amplifier with Disable

AD8041 Datasheet (HTML) - Analog Devices


AD8041 Product details

PRODUCT DESCRIPTION
The AD8041 is a low power voltage feedback, high speed amplifier designed to operate on +3 V, +5 V, or ±5 V supplies. It has true single-supply capability with an input voltage range extending 200 mV below the negative rail and within 1 V of the positive rail.
The output voltage swing extends to within 50 mV of each rail, providing the maximum output dynamic range. Additionally, it features gain flatness of 0.1 dB to 30 MHz while offering differential gain and phase error of 0.03% and 0.03° on a single 5 V supply. This makes the AD8041 ideal for professional video electronics such as cameras, video switchers, or any high speed portable equipment. The AD8041’s low distortion and fast settling make it ideal for buffering high speed A-to-D converters.

FEATURES
  Fully Specified for +3 V, +5 V, and ±5 V Supplies
  Output Swings Rail to Rail
  Input Voltage Range Extends 200 mV Below Ground
  No Phase Reversal with Inputs 1 V Beyond Supplies
  Disable/Power-Down Capability
  Low Power of 5.2 mA (26 mW on 5 V)
  High Speed and Fast Settling on 5 V:
     160 MHz –3 dB Bandwidth (G = +1)
     160 V/μs Slew Rate
     30 ns Settling Time to 0.1%
  Good Video Specifications (RL = 150 Ω, G = +2)
     Gain Flatness of 0.1 dB to 30 MHz
     0.03% Differential Gain Error
     0.03° Differential Phase Error
  Low Distortion
     –69 dBc Worst Harmonic @ 10 MHz
  Outstanding Load Drive Capability
     Drives 50 mA 0.5 V from Supply Rails
  Cap Load Drive of 45 pF

APPLICATIONS
  Power Sensitive High Speed Systems
  Video Switchers
  Distribution Amplifiers
  A/D Drivers
  Professional Cameras
  CCD Imaging Systems
  Ultrasound Equipment (Multichannel)
  Single-Supply Multiplexer




Similar Part No. - AD8041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
311Kb / 18P
160 MHz Rail-to-Rail Amplifier with Disable
23-Feb-2017
AD8041-000C AD-AD8041-000C Datasheet
523Kb / 5P
This specification documents the detailed requirements
REV. l
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
160 MHz Rail-to-Rail Amplifier with Disable
23-Feb-2017
logo
List of Unclassifed Man...
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041AR AD-AD8041AR Datasheet
311Kb / 18P
160 MHz Rail-to-Rail Amplifier with Disable
23-Feb-2017
More results


Similar Description - AD8041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
8/04-Data Sheet changed from REV. B to REV. C.
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
160 MHz Rail-to-Rail Amplifier with Disable
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com