Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet (PDF) - Analog Devices

AD813 Datasheet PDF - Analog Devices
Part # AD813
Download  AD813 Download
File Size   550.29 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Low Power Triple Video Amplifier

AD813 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD813 Datasheet PDF - Analog Devices

Part # AD813
Download  AD813 Click to download

File Size   550.29 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Low Power Triple Video Amplifier

AD813 Datasheet (HTML) - Analog Devices


AD813 Product details

PRODUCT DESCRIPTION
The AD813 is a low power, single supply triple video amplifier. Each of the three current feedback amplifiers has 50 mA of output current, and is optimized for driving one back-terminated video load (150 Ω). The AD813 features gain flatness of 0.1 dB to 50 MHz while offering differential gain and phase error of 0.03% and 0.06°. This makes the AD813 ideal for broadcast and consumer video electronics.

FEATURES
   Low Cost
   Three Video Amplifiers in One Package
   Optimized for Driving Cables in Video Systems
   Excellent Video Specifications (RL = 150 V)
      Gain Flatness 0.1 dB to 50 MHz
      0.03% Differential Gain Error
      0.068 Differential Phase Error
   Low Power
      Operates on Single +3 V to 615 V Power Supplies
      5.5 mA/Amplifier Max Power Supply Current
   High Speed
      125 MHz Unity Gain Bandwidth (–3 dB)
      500 V/ms Slew Rate
   High Speed Disable Function per Channel
      Turn-Off Time 80 ns
   Easy to Use
      50 mA Output Current
      Output Swing to 1 V of Rails

APPLICATIONS
   Video Line Driver
   LCD Drivers
   Computer Video Plug-In Boards
   Ultrasound
   RGB Amplifier
   CCD Based Systems




Similar Part No. - AD813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
AD8130 AD-AD8130 Datasheet
505Kb / 28P
Low-Cost 270 MHz Differential Receiver Amplifiers
REV. 0
AD8130 AD-AD8130 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results


Similar Description - AD813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813 AD-AD813_17 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com