Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8013 Datasheet (PDF) - Analog Devices

AD8013 Datasheet PDF - Analog Devices
Part # AD8013
Download  AD8013 Download
File Size   319.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Low Power, Triple Video Amplifier

AD8013 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8013 Datasheet PDF - Analog Devices

Part # AD8013
Download  AD8013 Click to download

File Size   319.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply, Low Power, Triple Video Amplifier

AD8013 Datasheet (HTML) - Analog Devices


AD8013 Product details

PRODUCT DESCRIPTION
The AD8013 is a low power, single supply, triple video amplifier. Each of the three amplifiers has 30 mA of output current, and is optimized for driving one back terminated video load (150 Ω) each. Each amplifier is a current feedback amplifier and features gain flatness of 0.1 dB to 60 MHz while offering differential gain and phase error of 0.02% and 0.06°. This makes the AD8013 ideal for broadcast and professional video electronics.
   
FEATURES
    Three Video Amplifiers in One Package
    Drives Large Capacitive Load
    Excellent Video Specifications (RL = 150 V)
        Gain Flatness 0.1 dB to 60 MHz
        0.02% Differential Gain Error
        0.06° Differential Phase Error
    Low Power
        Operates on Single +5 V to +13 V Power Supplies
        4 mA/Amplifier Max Power Supply Current
    High Speed
        140 MHz Unity Gain Bandwidth (3 dB)
        Fast Settling Time of 18 ns (0.1%)
        1000 V/ms Slew Rate
    High Speed Disable Function per Channel
        Turn-Off Time 30 ns
    Easy to Use
        95 mA Short Circuit Current
        Output Swing to Within 1 V of Rails
   
APPLICATIONS
    LCD Displays
    Video Line Driver
    Broadcast and Professional Video
    Computer Video Plug-In Boards
    Consumer Video
    RGB Amplifier in Component Systems
   




Similar Part No. - AD8013

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD8013ACHIPS AD-AD8013ACHIPS Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD8013AN AD-AD8013AN Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD8013AR-14 AD-AD8013AR-14 Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD8013AR-14-REEL AD-AD8013AR-14-REEL Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
More results


Similar Description - AD8013

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813 AD-AD813_17 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com