Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8013 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8013
Description  Single Supply, Low Power, Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8013 Datasheet(HTML) 2 Page - Analog Devices

  AD8013 Datasheet HTML 1Page - Analog Devices AD8013 Datasheet HTML 2Page - Analog Devices AD8013 Datasheet HTML 3Page - Analog Devices AD8013 Datasheet HTML 4Page - Analog Devices AD8013 Datasheet HTML 5Page - Analog Devices AD8013 Datasheet HTML 6Page - Analog Devices AD8013 Datasheet HTML 7Page - Analog Devices AD8013 Datasheet HTML 8Page - Analog Devices AD8013 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8013–SPECIFICATIONS
Model
AD8013A
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Bandwidth (3 dB)
No Peaking, G = +2
+5 V
100
125
MHz
No Peaking, G = +2
±5 V
110
140
MHz
Bandwidth (0.1 dB)
No Peaking, G = +2
+5 V
50
MHz
No Peaking, G = +2
±5 V
60
MHz
Slew Rate
2 V Step
+5 V
400
V/
µs
6 V Step
±5 V
600
1000
V/
µs
Settling Time to 0.1%
0 V to +2 V
±5 V
18
ns
4.5 V Step, CLOAD = 200 pF
±6 V
40
ns
RLOAD > 1 kΩ, RFB = 4 kΩ
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, RL = 1 k
±5 V
–76
dBc
fC = 5 MHz, RL = 150
Ω±5 V
–66
dBc
Input Voltage Noise
f = 10 kHz
+5 V,
±5 V
3.5
nV/
√Hz
Input Current Noise
f = 10 kHz (–IIN)
+5 V,
±5 V
12
pA/
√Hz
Differential Gain (RL = 150 Ω)
f = 3.58 MHz, G = +2
+5 V1
0.05
%
±5 V
0.02
0.05
%
Differential Phase (RL = 150 Ω)
f = 3.58 MHz, G = +2
+5 V1
0.06
Degrees
±5 V
0.06
0.12
Degrees
DC PERFORMANCE
Input Offset Voltage
TMIN to TMAX
+5 V,
±5 V
2
5
mV
Offset Drift
7
µV/°C
Input Bias Current (–)
+5 V,
±5 V
2
10
µA
Input Bias Current (+)
TMIN to TMAX
+5 V,
±5 V
3
15
µA
Open-Loop Transresistance
+5 V
650
800
k
Ω
TMIN to TMAX
550
k
Ω
±5 V
800 k
1.1 M
Ω
TMIN to TMAX
650
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
±5 V
200
k
Ω
–Input
±5 V
150
Ω
Input Capacitance
±5 V
2
pF
Input Common-Mode Voltage Range
±5 V
3.8
±V
+5 V
1.2
3.8
+V
Common-Mode Rejection Ratio
Input Offset Voltage
+5 V
52
56
dB
Input Offset Voltage
±5 V
52
56
dB
–Input Current
+5 V,
±5 V
0.2
0.4
µA/V
+Input Current
+5 V,
±5 V
5
7
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
VOL–VEE
0.8
1.0
V
VCC–VOH
0.8
1.0
V
RL = 150 Ω
VOL–VEE
1.1
1.3
V
VCC–VOH
1.1
1.3
V
Output Current
+5 V
30
mA
±5 V
25
30
mA
Short-Circuit Current
±5 V
95
mA
Capacitive Load Drive
±5 V
1000
pF
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
+5 V,
±5 V
70
dB
Gain Flatness Match
f = 20 MHz
±5 V
0.1
dB
DC
Input Offset Voltage
+5 V,
±5 V
0.3
mV
–Input Bias Current
+5 V,
±5 V
1.0
µA
(@ TA = +25 C, RLOAD = 150
, unless otherwise noted)
–2–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com