Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB11S65 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB11S65 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB11S65
Download  AOB11S65 Download
File Size   305.46 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 11A a MOS Power Transistor

AOB11S65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB11S65 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB11S65
Download  AOB11S65 Click to download

File Size   305.46 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 11A a MOS Power Transistor

AOB11S65 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB11S65 Product details

General Description
The AOT11S65 & AOB11S65 & AOTF11S65 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOT11S65L & AOB11S65L & AOTF11S65L

Product Summary
    VDS @ Tj,max                      750V
    IDM                                       45A
    RDS(ON),max                      0.399Ω
    Qg,typ                                  13.2nC
    Eoss @ 400V                       2.9µJ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOB11S65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB11S65 ISC-AOB11S65 Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB11S65 VBSEMI-AOB11S65 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
AOB11S65L VBSEMI-AOB11S65L Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOB11S65L ISC-AOB11S65L Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB11S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11S60 AOSMD-AOB11S60 Datasheet
297Kb / 6P
600V 11A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOD11S60 AOSMD-AOD11S60 Datasheet
400Kb / 7P
600V 11A a MOS Power Transistor
AOW11S60 AOSMD-AOW11S60 Datasheet
282Kb / 6P
600V 11A a MOS TM Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
650V 11A a MOS TM Power Transistor
logo
Shenzhen Foster Semicon...
FIR11NS65AFG FOSTER-FIR11NS65AFG Datasheet
1Mb / 7P
11A, 650V DP MOS POWER TRANSISTOR- S
FIR11NS65ALG FOSTER-FIR11NS65ALG Datasheet
2Mb / 7P
11A, 650V DP MOS POWER TRANSISTOR- S
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com