Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB15S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB15S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB15S60
Download  AOB15S60 Download
File Size   348.86 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 15A a MOS power Transistor

AOB15S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB15S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB15S60
Download  AOB15S60 Click to download

File Size   348.86 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 15A a MOS power Transistor

AOB15S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB15S60 Product details

General Description
The AOT15S60& AOB15S60 & AOTF15S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT15S60L & AOB15S60L & AOTF15S60L

Product Summary
   VDS @ Tj,max 700V
   IDM                    63A
   RDS(ON),max 0.29Ω
   Qg,typ               16nC
   Eoss @ 400V   3.6µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOB15S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB15S60 AOSMD-AOB15S60 Datasheet
348Kb / 6P
600V 15A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOB15S60 ISC-AOB15S60 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB15S60L AOSMD-AOB15S60L Datasheet
348Kb / 6P
600V 15A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOB15S60L ISC-AOB15S60L Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB15S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
600V 7A a MOS Power Transistor
AOB15S65 AOSMD-AOB15S65 Datasheet
308Kb / 7P
650V 15A a MOS Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOW15S60 AOSMD-AOW15S60 Datasheet
333Kb / 6P
600V 15A a MOS POWER Transistor
AOW15S65 AOSMD-AOW15S65 Datasheet
267Kb / 6P
650V 15A a MOS TM Power Transistor
AOB15S60L AOSMD-AOB15S60L Datasheet
348Kb / 6P
600V 15A a MOS Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com