Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB42S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB42S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB42S60
Download  AOB42S60 Download
File Size   258.1 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 37A a MOS Power Transistor

AOB42S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB42S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB42S60
Download  AOB42S60 Click to download

File Size   258.1 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 37A a MOS Power Transistor

AOB42S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB42S60 Product details

General Description
The AOT42S60 & AOB42S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these devices can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT42S60L & AOB42S60L

Product Summary
   VDS @ Tj,max    700V
   IDM                     166A
   RDS(ON),max 0.109Ω
   Qg,typ                 40nC
   Eoss @ 400V     9.2µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOB42S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB42S60 ISC-AOB42S60 Datasheet
283Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB42S60L AOSMD-AOB42S60L Datasheet
511Kb / 6P
600V 37A a MOS
AOB42S60L AOSMD-AOB42S60L Datasheet
529Kb / 6P
600V 37A a MOS TM Power Transistor
Rev5.1: January 2024
More results


Similar Description - AOB42S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB4S60 AOSMD-AOB4S60 Datasheet
301Kb / 6P
600V 4A a MOS Power Transistor
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
600V 7A a MOS Power Transistor
AOB15S60 AOSMD-AOB15S60 Datasheet
348Kb / 6P
600V 15A a MOS power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOB27S60 AOSMD-AOB27S60 Datasheet
301Kb / 6P
600V 27A a MOS Power Transistor
AOD4S60 AOSMD-AOD4S60 Datasheet
457Kb / 7P
600V 4A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOB15S60L AOSMD-AOB15S60L Datasheet
348Kb / 6P
600V 15A a MOS Power Transistor
AOT42S60L AOSMD-AOT42S60L Datasheet
511Kb / 6P
600V 37A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com