Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8184 Datasheet (PDF) - Analog Devices

AD8184 Datasheet PDF - Analog Devices
Part # AD8184
Download  AD8184 Download
File Size   227.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz, 5 mA 4-to-1 Video Multiplexer

AD8184 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8184 Datasheet PDF - Analog Devices

Part # AD8184
Download  AD8184 Click to download

File Size   227.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz, 5 mA 4-to-1 Video Multiplexer

AD8184 Datasheet (HTML) - Analog Devices


AD8184 Product details

PRODUCT DESCRIPTION
The AD8184 is a high speed 4-to-1 multiplexer. It offers –3 dB signal bandwidth of 700 MHz along with a slew rate of 750 V/µs. With 95 dB of crosstalk and 115 dB isolation, it is useful in many high speed applications. The differential gain and differential phase error of 0.01% and 0.01°, along with 0.1 dB flatness of 75 MHz, make AD8184 ideal for professional video multiplexing. It offers 10 ns switching time, making it an excellent choice for pixel switching (picture-in-picture) while consuming less than 4.5 mA on ±5 V supply voltage.
The AD8184 offers a high speed disable feature allowing the output to be put into a high impedance state. This allows mul tiple outputs to be connected together for cascading stages while the “OFF” channels do not load the output bus. It operates on voltage supplies of ±5 V and is offered in 14-lead PDIP and SOIC packages.

FEATURES
   Single and Dual 2-to-1 Also Available (AD8180 and AD8182)
   Fully Buffered Inputs and Outputs
   Fast Channel Switching: 10 ns
   High Speed
      > 700 MHz Bandwidth (–3 dB)
      > 750 V/ms Slew Rate
      Fast Settling Time of 15 ns to 0.1%
   Excellent Video Specifications (RL > 2 kV)
   Gain Flatness of 0.1 dB of 75 MHz
      0.01% Differential Gain Error, RL = 10 kV
      0.018 Differential Phase Error, RL = 10 kV
      Low Power: 4.4 mA
   Low Glitch: < 25 mV
   Low All-Hostile Crosstalk of –95 dB @ 5 MHz
   High “OFF” Isolation of –115 dB @ 5 MHz
   Low Cost
   Fast Output Disable Feature for Connecting Multiple Devices
  
APPLICATIONS
   Pin Compatible with HA4314* and GX4314*
   Video Switchers and Routers
   Pixel Switching for “Picture-In-Picture”
   Switching in LCD and Plasma Displays




Similar Part No. - AD8184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8184ARZ-REEL7 AD-AD8184ARZ-REEL7 Datasheet
230Kb / 12P
700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
More results


Similar Description - AD8184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
4 x 1 Wideband Video Multiplexer
REV.A
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
Cascadable Amplifier 5 to 700 MHz
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
M/A-COM Technology Solu...
A611 MA-COM-A611 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 700 MHz
logo
Analog Devices
AD8184ARZ-REEL7 AD-AD8184ARZ-REEL7 Datasheet
230Kb / 12P
700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
logo
M/A-COM Technology Solu...
A611 MA-COM-A611_15 Datasheet
641Kb / 3P
Cascadable Amplifier 5 to 700 MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com