Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8306 Datasheet (PDF) - Analog Devices

AD8306 Datasheet PDF - Analog Devices
Part # AD8306
Download  AD8306 Download
File Size   397.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier

AD8306 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8306 Datasheet PDF - Analog Devices

Part # AD8306
Download  AD8306 Click to download

File Size   397.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier

AD8306 Datasheet (HTML) - Analog Devices


AD8306 Product details

PRODUCT DESCRIPTION
The AD8306 is a complete IF limiting amplifier, providing both an accurate logarithmic (decibel) measure of the input signal (the RSSI function) over a dynamic range of 100 dB, and a programmable limiter output, useful from 5 MHz to 400 MHz.
It is easy to use, requiring few external components. A single supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corresponding to a power consumption of under 50 mW at 3 V, plus the limiter bias current, determined by the application and typically 2 mA, providing a limiter gain of 90 dB when using 200 Ω loads. A CMOS-compatible control interface can enable the AD8306 within about 500 ns and disable it to a standby current of under 1 µA.
The six cascaded amplifier/limiter cells in the main path have a small signal gain of 12.04 dB (×4), with a –3 dB bandwidth of 850 MHz, providing a total gain of 72 dB. The programmable output stage provides a further 18 dB of gain. The input is fully differential and presents a moderately high impedance (1 kΩ in parallel with 2.5 pF). The input-referred noise-spectral-density, when driven from a terminated 50 Ω, source is 1.28 nV/√Hz, equivalent to a noise figure of 3 dB. The sensitivity of the AD8306 can be raised by using an input matching network.
Each of the main gain cells includes a full-wave detector. An additional four detectors, driven by a broadband attenuator, are used to extend the top end of the dynamic range by over 48 dB.

FEATURES
   Complete, Fully Calibrated Log-Limiting IF Amplifier
   100 dB Dynamic Range: –91 dBV to +9 dBV
   Stable RSSI Scaling Over Temperature and Supplies:
      20 mV/dB Slope, –95 dBm Intercept
      60.4 dB RSSI Linearity up to 200 MHz
   Programmable Limiter Gain and Output Current
      Differential Outputs to 10 mA, 2.4 V p-p
      Overall Gain 90 dB, Bandwidth 400 MHz
      Constant Phase (Typical 656 ps Delay Skew)
   Single Supply of +2.7 V to +6.5 V at 16 mA Typical
   Fully Differential Inputs, RIN = 1 kV, CIN = 2.5 pF
   500 ns Power-Up Time, <1 mA Sleep Current
  
APPLICATIONS
   Receivers for Frequency and Phase Modulation
   Very Wide Range IF and RF Power Measurement
   Receiver Signal Strength Indication (RSSI)
   Low Cost Radar and Sonar Signal Processing
   Instrumentation: Network and Spectrum Analyzers




Similar Part No. - AD8306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8306-EVAL AD-AD8306-EVAL Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306ACHIPS AD-AD8306ACHIPS Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR AD-AD8306AR Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
More results


Similar Description - AD8306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com