Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet (PDF) - Analog Devices

AD8307 Datasheet PDF - Analog Devices
Part # AD8307
Download  AD8307 Download
File Size   394.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier

AD8307 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8307 Datasheet PDF - Analog Devices

Part # AD8307
Download  AD8307 Click to download

File Size   394.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier

AD8307 Datasheet (HTML) - Analog Devices


AD8307 Product details

GENERAL DESCRIPTION
The AD8307 is the first logarithmic amplifier made available in an 8-lead SOIC_N package. It is a complete 500 MHz monolithic demodulating logarithmic amplifier based on the progressive compression (successive detection) technique, providing a dynamic range of 92 dB to ±3 dB law conformance and 88 dB to a tight ±1 dB error bound at all frequencies up to 100 MHz. The AD8307 is extremely stable and easy to use, requiring no significant external components. A single-supply voltage of 2.7 V to 5.5 V at 7.5 mA is needed. A fast acting CMOS-compatible control pin can disable the AD8307 to a standby current of 150 μA.
The AD8307 operates over the industrial temperature range of −40°C to +85°C and is available in an 8-lead SOIC package and an 8-lead PDIP.

FEATURES
   Complete multistage logarithmic amplifier
   92 dB dynamic range: −75 dBm to +17 dBm to −90 dBm
      using matching network
   Single supply of 2.7 V minimum at 7.5 mA typical
   DC to 500 MHz operation, ±1 dB linearity
   Slope of 25 mV/dB, intercept of −84 dBm
   Highly stable scaling over temperature
   Fully differential dc-coupled signal path
   100 ns power-up time, 150 μA sleep current
  
APPLICATIONS
   Conversion of signal level to decibel form
   Transmitter antenna power measurement
   Receiver signal strength indication (RSSI)
   Low cost radar and sonar signal processing
   Network and spectrum analyzers (to 120 dB)
   Signal level determination down to 20 Hz
   True decibel ac mode for multimeters




Similar Part No. - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307 AD-AD8307 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307ANZ AD-AD8307ANZ Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
More results


Similar Description - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com