Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 2 Page - Analog Devices

  AD8307 Datasheet HTML 1Page - Analog Devices AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. A
AD8307–SPECIFICATIONS (V
S = +5 V, TA = 25 C, RL
≥ 1M , unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTICS
Input Range (
±1 dB Error)
Expressed in dBm re 50
Ω
–72
16
dBm
Logarithmic Conformance
f
≤ 100 MHz, Central 80 dB
±0.3
±1dB
f = 500 MHz, Central 75 dB
±0.5
dB
Logarithmic Slope
Unadjusted
1
23
25
27
mV/dB
vs. Temperature
23
27
mV/dB
Logarithmic Intercept
Sine Amplitude; Unadjusted
2
20
µV
Equivalent Sine Power in 50
Ω
–87
–84
–77
dBm
vs. Temperature
–88
–76
dBm
Input Noise Spectral Density
Inputs Shorted
1.5
nV/
√Hz
Operating Noise Floor
RSOURCE = 50 Ω/2
–78
dBm
Output Resistance
Pin 4 to Ground
10
12.5
15
k
Ω
Internal Load Capacitance
3.5
pF
Response Time
Small Signal, 10%-90%,
400
ns
0 mV–100 mV, CL = 2 pF
Large Signal, 10%-90%,
500
ns
0 V–2.4 V, CL = 2 pF
Upper Usable Frequency
3
500
MHz
Lower Usable Frequency
Input AC-Coupled
10
Hz
AMPLIFIER CELL CHARACTERISTICS
Cell Bandwidth
–3 dB
900
MHz
Cell Gain
14.3
dB
INPUT CHARACTERISTICS
DC Common-Mode Voltage
Inputs AC-Coupled
3.2
V
Common-Mode Range
Either Input (Small Signal)
–0.3
1.6
VS – 1
V
DC Input Offset Voltage
4
RSOURCE ≤ 50 Ω
50
500
µV
Drift
0.8
µV/°C
Incremental Input Resistance
Differential
1.1
k
Ω
Input Capacitance
Either Pin to Ground
1.4
pF
Bias Current
Either Input
10
25
µA
POWER INTERFACES
Supply Voltage
2.7
5.5
V
Supply Current
VENB ≥ 2 V
8
10
mA
Disabled
VENB ≤ 1 V
150
750
µA
NOTES
1This may be adjusted downward by adding a shunt resistor from the Output to Ground. A 50 k
Ω resistor will reduce the nominal slope to 20 mV/dB.
2This may be adjusted in either direction by a voltage applied to Pin 5, with a scale factor of 8 dB/V.
3See Application on 900 MHz operation.
4Normally nulled automatically by internal offset correction loop. May be manually nulled by a voltage applied between Pin 3 and Ground; see APPLICATIONS.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com