Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8326 Datasheet (PDF) - Analog Devices

AD8326 Datasheet PDF - Analog Devices
Part # AD8326
Download  AD8326 Download
File Size   475.0 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Output Power Programmable CATV Line Driver

AD8326 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8326 Datasheet PDF - Analog Devices

Part # AD8326
Download  AD8326 Click to download

File Size   475.0 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Output Power Programmable CATV Line Driver

AD8326 Datasheet (HTML) - Analog Devices


AD8326 Product details

GENERAL DESCRIPTION
The AD8326 is a high-output power, digitally controlled, variable gain amplifier optimized for coaxial line driving applications such as data and telephony cable modems that are designed to the MCNS-DOCSIS upstream standard. An 8-bit serial word determines the desired output gain over a 53.5 dB range resulting in gain changes of 0.75 dB/LSB. The AD8326 is offered in two models, each optimized to support the desired output power and resulting performance.

FEATURES
   Supports DOCSIS Standard for Reverse Path
      Transmission
   Gain Programmable in 0.75 dB Steps over a 53.5 dB Range
   Low Distortion at 65 dBmV Output
      –62 dBc SFDR at 21 MHz
      –58 dBc SFDR at 65 MHz
   1 dB Compression of 25 dBm at 10 MHz
   Output Noise Level
      –45 dBmV in 160 kHz
   Maintains 75 Ω Output Impedance
      Power-Up and Power-Down Condition
   Upper Bandwidth: 100 MHz (Full Gain Range)
   Single or Dual Supply Operation

APPLICATIONS
   Gain-Programmable Line Driver
   CATV Telephony Modems
   CATV Terminal Devices
   General-Purpose Digitally Controlled Variable Gain Block




Similar Part No. - AD8326

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
More results


Similar Description - AD8326

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321 AD-AD8321 Datasheet
660Kb / 19P
Gain Programmable CATV Line Driver
REV.0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
71-Dec-2026
AD8327 AD-AD8327 Datasheet
307Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
79-Dec-2029
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com