Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8322 Datasheet (PDF) - Analog Devices

AD8322 Datasheet PDF - Analog Devices
Part # AD8322
Download  AD8322 Download
File Size   243.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V CATV Line Driver Coarse Step Output Power Control

AD8322 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8322 Datasheet PDF - Analog Devices

Part # AD8322
Download  AD8322 Click to download

File Size   243.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V CATV Line Driver Coarse Step Output Power Control

AD8322 Datasheet (HTML) - Analog Devices


AD8322 Product details

GENERAL DESCRIPTION
The AD8322 is a low-cost, digitally controlled variable gain amplifier optimized for coaxial line driving applications such as cable modems that are designed to the MCNS-DOCSIS upstream standard. An 8-bit serial word determines the desired output gain over a 42.14 dB range, with gain steps of 6.02 dB/major carry.

FEATURES
   Supports DOCSIS Standard for Reverse Path
      Transmission
   Gain Programmable in 6 dB Steps Over a 42 dB
      Range
   Low Distortion at 60 dBmV Output
      –58 dBc SFDR at 21 MHz
      –56 dBc SFDR at 42 MHz
   Output Noise Level
      –46 dBmV in 160 kHz Bandwidth
   Maintains 75 Ω Output Impedance
      Power-Up and Power-Down Condition
   180 MHz Bandwidth
   5 V Supply Operation
   Supports SPI Interfaces

APPLICATIONS
   Gain Programmable Line Driver
   DOCSIS-Compliant Data Modems
   Interactive Set-Top Boxes
   PC Plug-in Modems
   General-Purpose Digitally Controlled Variable Gain Block




Similar Part No. - AD8322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results


Similar Description - AD8322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8323 AD-AD8323 Datasheet
277Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
71-Dec-2026
AD8326 AD-AD8326 Datasheet
475Kb / 24P
High Output Power Programmable CATV Line Driver
71-Dec-2026
AD8327 AD-AD8327 Datasheet
307Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
79-Dec-2029
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com