Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8322 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8322
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8322 Datasheet(HTML) 2 Page - Analog Devices

  AD8322 Datasheet HTML 1Page - Analog Devices AD8322 Datasheet HTML 2Page - Analog Devices AD8322 Datasheet HTML 3Page - Analog Devices AD8322 Datasheet HTML 4Page - Analog Devices AD8322 Datasheet HTML 5Page - Analog Devices AD8322 Datasheet HTML 6Page - Analog Devices AD8322 Datasheet HTML 7Page - Analog Devices AD8322 Datasheet HTML 8Page - Analog Devices AD8322 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8322–SPECIFICATIONS
(TA = 25 C, VS = 5 V, RL = RIN = 75
, VIN = 92 mV p-p differential, VOUT measured through
a 1:1 transformer1 with insertion loss of 0.5 dB @ 10 MHz unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
POUT = 60 dBmV, Max Gain
92
mV p-p
Noise Figure
Max Gain, f = 10 MHz
11.8
dB
Input Resistance
Single-Ended Input
210
Ω
Differential Input
235
Ω
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Gain Range
41.0
42.14
43.2
dB
Maximum Gain
Gain Code = 1xxxxxxx
27.5
29.5
31.5
dB
Minimum Gain
Gain Code = 00000001
–14.64 –12.64
–10.64
dB
Gain Scaling Factor
6.02
dB/Major Carry
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
180
MHz
Bandwidth Roll-Off
f = 65 MHz
0.25
dB
Bandwidth Peaking
f = 65 MHz
0.05
dB
Output Noise
Max Gain, f = 10 MHz
–32
dBmV in 160 kHz BW
Min Gain, f = 10 MHz
–46
dBmV in 160 kHz BW
Power-Down Mode, f = 10 MHz
–68
dBmV in 160 kHz BW
1 dB Compression Point
Max Gain, f = 10 MHz
19
dBm
Differential Output Impedance
Power-Up and Power-Down
75
± 20%
Ω
OVERALL PERFORMANCE
Second Order Harmonic Distortion
2
f = 5 MHz, POUT = 60 dBmV @ Max Gain
–64
dBc
f = 14 MHz, POUT = 60 dBmV @ Max Gain
–60
dBc
f = 21 MHz, POUT = 60 dBmV @ Max Gain
–58
dBc
f = 32 MHz, POUT = 60 dBmV @ Max Gain
–57
dBc
f = 42 MHz, POUT = 60 dBmV @ Max Gain
–56
dBc
f = 65 MHz, POUT = 60 dBmV @ Max Gain
–52
dBc
Third Order Harmonic Distortion
f = 5 MHz, POUT = 60 dBmV @ Max Gain
–67
dBc
f = 14 MHz, POUT = 60 dBmV @ Max Gain
–64
dBc
f = 21 MHz, POUT = 60 dBmV @ Max Gain
–61
dBc
f = 32 MHz, POUT = 60 dBmV @ Max Gain
–58
dBc
f = 42 MHz, POUT = 60 dBmV @ Max Gain
–56
dBc
f = 65 MHz, POUT = 60 dBmV @ Max Gain
–53
dBc
Gain Linearity Error
f = 10 MHz, Code to Code
±0.2
dB
Output Settling to 1 mV
Due to Gain Change
Min to Max Gain
60
ns
Due to Input Change
Max Gain, VIN = 0 V to 0.09 V p-p
30
ns
Signal Feedthrough
Max Gain, Power-Down, f = 42 MHz,
–24
dBc
VIN = 0.09 V p-p
POWER CONTROL
Power-Up Settling Time to 1 mV
Max Gain, VIN = 0
300
ns
Power-Down Settling Time to 1 mV
Max Gain, VIN = 0
40
ns
Between Burst Transients
3
Equivalent POUT = 17.6 to 35.67 dBmV
3
mV p-p
Equivalent POUT = 60 dBmV
16
mV p-p
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Power-Up Mode
100
113
126
mA
Power-Down Mode
44
54
60
mA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1TOKO # 617 DB-A0070 used for above specifications. MACOM ETC-1-IT-15 can be substituted.
2All distortion measurements taken with differential input signal and represent worst distortion across all gain codes.
3Between burst transients measured at the output of PULSE B5008 42 MHz diplexer.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com