Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8322 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8322
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8322 Datasheet(HTML) 4 Page - Analog Devices

  AD8322 Datasheet HTML 1Page - Analog Devices AD8322 Datasheet HTML 2Page - Analog Devices AD8322 Datasheet HTML 3Page - Analog Devices AD8322 Datasheet HTML 4Page - Analog Devices AD8322 Datasheet HTML 5Page - Analog Devices AD8322 Datasheet HTML 6Page - Analog Devices AD8322 Datasheet HTML 7Page - Analog Devices AD8322 Datasheet HTML 8Page - Analog Devices AD8322 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8322
–4–
ORDERING GUIDE
Model
Temperature Range
Package Description
JA
Package Option
AD8322ARU
–40
°C to +85°C
28-Lead TSSOP
67.7
°C/W*
RU-28
AD8322ARU-REEL
–40
°C to +85°C
28-Lead TSSOP
67.7
°C/W*
RU-28
AD8322-EVAL
Evaluation Board
*Thermal Resistance measured on SEMI standard 4-layer board.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage +VS
Pins 6, 8, 9, 20, 21, 23, 27 . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltages
Pins 25, 26 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.5 V
Pins 1, 2, 3, 7 . . . . . . . . . . . . . . . . . . . . . . . –0.8 V to +5.5 V
Internal Power Dissipation
TSSOP (RU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.90 W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD8322
DATEN
GND
SDATA
VCC
CLK
VIN–
GND
VIN+
VCC
GND
PD
VCC
GND
GND
GND
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
OUT–
OUT+
BYP
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8322 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the internal
register with the MSB (Most Significant Bit) first.
2
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-slave
register. A Logic 0-to-1 transition latches the data bit and a 1-to-0 transfers the data bit to the slave.
This requires the input serial data word to be valid at or before this clock transition.
3
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic 0-to-1
transition transfers the latched data to the attenuator core (updates the gain) and simultaneously inhibits
serial data transfer into the register. A 1-to-0 transition inhibits the data latch (holds the previous gain
state) and simultaneously enables the register for serial data load.
4, 11, 12, 13,
GND
Common External Ground Reference.
14, 15, 16, 17,
18, 22, 24, 28
5
BYP
Internal Bypass. This pin must be externally ac-decoupled (0.1
µF capacitor).
6, 8, 9, 20,
VCC
Common Positive External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
21, 23, 27
7
PD
Logic “0” powers down the part. Logic “1” powers up the part.
10
OUT–
Negative Output Signal.
19
OUT+
Positive Output Signal.
25
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Refer to Applications section for proper
termination.
26
VIN–
Inverting Input. DC-biased to approximately VCC/2. Refer to Applications section for proper termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com