Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD834 Datasheet (PDF) - Analog Devices

AD834 Datasheet PDF - Analog Devices
Part # AD834
Download  AD834 Download
File Size   258.76 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz Four-Quadrant Multiplier

AD834 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD834 Datasheet PDF - Analog Devices

Part # AD834
Download  AD834 Click to download

File Size   258.76 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz Four-Quadrant Multiplier

AD834 Datasheet (HTML) - Analog Devices


AD834 Product details

GENERAL DESCRIPTION
The AD834 is a monolithic, laser-trimmed four-quadrant analog multiplier intended for use in high frequency applications, with a transconductance bandwidth (RL = 50 Ω) in excess of 500 MHz from either of the differential voltage inputs. In multiplier modes, the typical total full-scale error is 0.5%, dependent on the application mode and the external circuitry. Performance is relatively insensitive to temperature and supply variations due to the use of stable biasing based on a band gap reference generator and other design features.
To preserve the full bandwidth potential of the high speed bipolar process used to fabricate the AD834, the outputs appear as a differential pair of currents at open collectors. To provide a single-ended ground referenced voltage output, some form of external current-to-voltage conversion is needed. This may take the form of a wideband transformer, balun, or active circuitry such as an op amp. In some applications (such as power measurement), the subsequent signal processing may not need to have high bandwidth.

FEATURES
  DC to >500 MHz operation
  Differential ±1 V full-scale inputs
  Differential ±4 mA full-scale output current
  Low distortion (≤0.05% for 0 dBm input)
  Supply voltages from ±4 V to ±9 V
  Low power (280 mW typical at VS = ±5 V)
 
APPLICATIONS
  High speed real time computation
  Wideband modulation and gain control
  Signal correlation and RF power measurement
  Voltage controlled filters and oscillators
  Linear keyers for high resolution television
  Wideband true RMS




Similar Part No. - AD834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
350Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
More results


Similar Description - AD834

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_12 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_15 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com