Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8343 Datasheet (PDF) - Analog Devices

AD8343 Datasheet PDF - Analog Devices
Part # AD8343
Download  AD8343 Download
File Size   394.04 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC-to-2.5 GHz High IP3 Active Mixer

AD8343 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8343 Datasheet PDF - Analog Devices

Part # AD8343
Download  AD8343 Click to download

File Size   394.04 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC-to-2.5 GHz High IP3 Active Mixer

AD8343 Datasheet (HTML) - Analog Devices


AD8343 Product details

GENERAL DESCRIPTION
The AD8343 is a high-performance broadband active mixer. With wide bandwidth on all ports and very low intermodula tion distortion, the AD8343 is well suited for demanding transmit applications or receive channel applications.
The AD8343 provides a typical conversion gain of 7 dB. The integrated LO driver supports a 50 Ω differential input imped ance with low LO drive level, helping to minimize external component count.

FEATURES
High-performance active mixer
Broadband operation to 2.5 GHz
Conversion gain: 7 dB
Input IP3: 16.5 dBm
LO drive: –10 dBm
Noise figure: 14 dB
Input P1dB: 2.8 dBm
Differential LO, IF and RF Ports
50 Ω LO input impedance
Single-supply operation: 5 V @ 50 mA typical
Power-down mode @ 20 μA typical

APPLICATIONS
Cellular base stations
Wireless LAN
Satellite converters
SONET/SDH radio
Radio links
RF instrumentation




Similar Part No. - AD8343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results


Similar Description - AD8343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
16-26 GHz High IP3 Fundamental Mixer
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
11-21 GHz High IP3 Fundamental Mixer
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com