Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8343 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8343 Datasheet(HTML) 2 Page - Analog Devices

  AD8343 Datasheet HTML 1Page - Analog Devices AD8343 Datasheet HTML 2Page - Analog Devices AD8343 Datasheet HTML 3Page - Analog Devices AD8343 Datasheet HTML 4Page - Analog Devices AD8343 Datasheet HTML 5Page - Analog Devices AD8343 Datasheet HTML 6Page - Analog Devices AD8343 Datasheet HTML 7Page - Analog Devices AD8343 Datasheet HTML 8Page - Analog Devices AD8343 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
REV. 0
–2–
AD8343–SPECIFICATIONS
BASIC OPERATING CONDITIONS
Parameter
Conditions
Figure
Min
Typ
Max
Unit
INPUT INTERFACE (INPP, INPM)
Differential Open Emitter
DC Bias Voltage
Internally Generated
1.1
1.2
1.3
V
Operating Current Each Input (IO)
Current Set by R3, R4
24
5
16
20
mA
Value of Bias Setting Resistor
1
1% Bias Resistors; R3, R4
24
68.1
Ω
Port Differential Impedance
f = 50 MHz; R3 and R4 = 68.1
Ω
9
2.7 + j 6.8
Ω
OUTPUT INTERFACE (OUTP, OUTM)
Differential Open Collector
DC Bias Voltage
Externally Applied
4.5
5
5.5
V
Voltage Swing
1.65
VS
± 1V
S + 2
V
Operating Current Each Output
Same as Input Current
IO
mA
Port Differential Impedance
f = 50 MHz
12
900 – j 77
Ω
LO INTERFACE (LOIP, LOIM)
Differential Common Base Stage
DC Bias Voltage
2
Internally Generated; Port
300
360
450
mV
Typically AC-Coupled
LO Input Power
50
Ω Impedance
17
–12
–10
–3
dBm
Port Differential Return Loss
16
–10
dB
POWER-DOWN INTERFACE (PWDN)
PWDN Threshold
Assured ON
VS – 1.5
V
Assured OFF
VS – 0.5
V
PWDN Response Time
3
Time from Device ON to OFF
4
2.2
µs
Time from Device OFF to ON
5
500
ns
PWDN Input Bias Current
PWDN = 0 V (Device ON)
–85
–195
µA
PWDN = 5 V (Device OFF)
0
µA
POWER SUPPLY
Supply Voltage Range
4.5
5.0
5.5
V
Total Quiescent Current
R3 and R4 = 68.1
Ω
24
50
60
mA
Over Temperature
75
mA
Powered-Down Current
VS = 5.5 V
20
95
µA
VS = 4.5 V
6
15
µA
Over Temperature, VS = 5.5 V
50
150
µA
NOTES
1The balance in the bias current in the two legs of the mixer input may be important in applications were a low feedthrough of the LO is critical.
2This voltage is proportional to absolute temperature (PTAT). Reference section on DC-Coupling the LO for more information regarding this interface.
3Response time until device meets all specified conditions.
Specifications subject to change without notice.
(VS = 5.0 V, TA = 25 C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com