Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8343 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8343 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8343 Datasheet HTML 9Page - Analog Devices AD8343 Datasheet HTML 10Page - Analog Devices AD8343 Datasheet HTML 11Page - Analog Devices AD8343 Datasheet HTML 12Page - Analog Devices AD8343 Datasheet HTML 13Page - Analog Devices AD8343 Datasheet HTML 14Page - Analog Devices AD8343 Datasheet HTML 15Page - Analog Devices AD8343 Datasheet HTML 16Page - Analog Devices AD8343 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
REV. 0
AD8343
–13–
DC INTERFACES
Biasing and Decoupling (VPOS, DCPL)
VPOS is the power supply connection for the internal bias cir-
cuit and the LO driver. This pin should be closely bypassed to
GND with a capacitor in the range of 0.01
µF to 0.1 µF. The
DCPL pin provides access to an internal bias node for noise
bypassing purposes. This node should be bypassed to COMM
with 0.1
µF.
Power-Down Interface (PWDN)
The AD8343 is active when the PWDN pin is held low; other-
wise the device enters a low-power state as shown in Figure 3.
PWDN SWEPT
FROM BOTH
3V TO 5V
AND
5V TO 3V
PWDN VOLTAGE – Volts
0
3.0
3.5
4.0
4.5
5.0
5
10
15
20
25
30
35
40
45
Figure 3. Bias Current vs. PWDN Voltage
To assure full power-down, the PWDN voltage should be within
0.5 V of the supply voltage at VPOS. Normal operation requires
that the PWDN pin be taken at least 1.5 V below the supply
voltage. The PWDN pin sources about 100
µA when pulled to
GND (refer to Pin Function Descriptions). It is not advisable to
leave the pin floating when the device is to be disabled; a resis-
tive pull-up to VPOS is the minimum suggestion.
The AD8343 requires about 2.5
µs to turn OFF when PWDN is
asserted; turn ON time is about 500 ns. Figures 4 and 5 show
typical characteristics (they will vary with bypass component
values). Figure 6 shows the test configuration used to acquire
these waveforms.
2
200nV
1.00V
CH2
M
500ns CH2
4.48V
1
CH1
Figure 4. PWDN Response Time Device ON to OFF
2
200nV
1.00V
CH2
M
100ns CH2
4.48V
1
CH1
Figure 5. PWDN Response Time Device OFF to ON
1nH
0.1 F
VPOS
0.1 F
14
13
12
11
10
9
8
1
2
3
4
5
6
7
COMM
AD8343
INPP
INPM
DCPL
VPOS
PWDN
COMM
COMM
OUTP
OUTM
COMM
LOIP
LOIM
COMM
MATCHING
NETWORK AND
TRANSFORMER
TRANSFORMER
HP8130
PULSE
GENERATOR
HP8648C
SIGNAL
GENERATOR
TEKTRONIX
TDS694C
OSCILLOSCOPE
RF INPUT
1740MHz
IF OUTPUT
170MHz
LO INPUT
1570MHz
MATCHING
NETWORK AND
TRANSFORMER
HP8648C
SIGNAL
GENERATOR
TRIGGER
Figure 6. PWDN Response Time Test Schematic
AC INTERFACES
Because of the AD8343’s wideband design, there are several
points to consider in its ac implementation; the Basic AC
Signal Connection diagram shown in Figure 7 summarizes
these points. The input signal undergoes a single-ended-to-
differential conversion and is then reactively matched to the
impedance presented by the emitters of the core. The matching
network also provides bias currents to these emitters. Similarly,
the LO input undergoes a single-ended-to-differential transfor-
mation before it is applied to the 50
Ω differential LO port. The
differential output signal currents appear at high-impedance
collectors and may be reactively matched and converted to a
single-ended signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com