Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8347 Datasheet (PDF) - Analog Devices

AD8347 Datasheet PDF - Analog Devices
Part # AD8347
Download  AD8347 Download
File Size   750.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator

AD8347 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8347 Datasheet PDF - Analog Devices

Part # AD8347
Download  AD8347 Click to download

File Size   750.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator

AD8347 Datasheet (HTML) - Analog Devices


AD8347 Product details

GENERAL DESCRIPTION
The AD8347 is a broadband direct quadrature demodulator with RF and baseband automatic gain control (AGC) amplifiers. It is suitable for use in many communications receivers, performing
quadrature demodulation directly to baseband frequencies. The input frequency range is 800 MHz to 2.7 GHz. The outputs can be connected directly to popular A-to-D converters such as the
AD9201and AD9283. The RF input signal goes through two stages of variable gain amplifiers prior to two Gilbert-cell mixers. The LO quadrature phase splitter employs polyphase filters to achieve high quadrature accuracy and amplitude balance over the entire operating frequency range. Separate I and Q channel variable gain amplifiers follow the baseband outputs of the mixers. The
RF and baseband amplifiers together provide 69.5 dB of gain control. A precision control circuit sets the linear-in-dB RF gain response to the gain control voltage.

FEATURES
Integrated RF and baseband AGC amplifiers
Quadrature phase accuracy 1° typ
I/Q amplitude balance 0.3 dB typ
Third-order intercept (IIP3) +11.5 dBm @ min gain
Noise figure 11 dB @ max gain
AGC range 69.5 dB
Baseband level control circuit
Low LO drive −8 dBm
ADC-compatible I/Q outputs
Single supply 2.7 V to 5.5 V
Power-down mode
28-lead TSSOP package

APPLICATIONS
Cellular base stations
Radio links
Wireless local loop
IF broadband demodulators
RF instrumentation
Satellite modems




Similar Part No. - AD8347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8347 AD-AD8347 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8347-EVAL AD-AD8347-EVAL Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
AD8347ARU AD-AD8347ARU Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
AD8347ARU-REEL7 AD-AD8347ARU-REEL7 Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
More results


Similar Description - AD8347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
0.8 GHz-2.5 GHz Quadrature Modulator
REV.0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com