Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8509 Datasheet (PDF) - Analog Devices

AD8509 Datasheet PDF - Analog Devices
Part # AD8509
Download  AD8509 Download
File Size   183.92 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9- and 11-Channel, Muxed Input LCD Reference Drivers

AD8509 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8509 Datasheet PDF - Analog Devices

Part # AD8509
Download  AD8509 Click to download

File Size   183.92 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9- and 11-Channel, Muxed Input LCD Reference Drivers

AD8509 Datasheet (HTML) - Analog Devices


AD8509 Product details

GENERAL DESCRIPTION
The AD8509 and AD8511 are 9-channel and 11-channel LCD reference buffers, respectively, designed to drive 64 gray scale column drivers. Each buffer has an A/B input to select between two voltages for LCD displays. These buffers drive the resistor ladders of LCD column drivers for gamma correction. The LCD drivers have higher slew rates and higher output drive currents than similar competitive parts. This increases the stability of the reference ladder, resulting in better gray scale and visual performance.
   
FEATURES
    Single-supply operation: 3.3 V to 6.5 V
    High output current: 300 mA
    Low supply current: 6 mA
    Stable with 1000 pF loads
    Pin compatible with LMC6009
    Pin compatible with CL-FP6131
    48-lead, Pb-free TSSOP/LFCSP packages
   
APPLICATION
    LCD line inversion gamma references
   




Similar Part No. - AD8509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
More results


Similar Description - AD8509

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5326 INTERSIL-EL5326 Datasheet
398Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
May 9, 2005
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
9/05-Revision 0
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
1/06-Rev. A to Rev. B
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
logo
Analog Devices
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
logo
Renesas Technology Corp
EL5226 RENESAS-EL5226 Datasheet
673Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
logo
NXP Semiconductors
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com