Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8504 Datasheet (PDF) - Analog Devices

ADD8504 Datasheet PDF - Analog Devices
Part # ADD8504
Download  ADD8504 Download
File Size   246.5 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers

ADD8504 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8504 Datasheet PDF - Analog Devices

Part # ADD8504
Download  ADD8504 Click to download

File Size   246.5 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers

ADD8504 Datasheet (HTML) - Analog Devices


ADD8504 Product details

GENERAL DESCRIPTION

The ADD8504, ADD8505, and ADD8506 are 4-, 5-, and 6-channel LCD gamma reference buffers designed to drive column driver gamma inputs in line inversion panels. Each buffer channel has an A/B input to select between two gamma voltage curves. These buffer channels drive the resistor ladders of LCD column drivers for gamma correction. The ADD8504/ADD8505/ADD8506 outputs have high slew rates and output drives that increase the stability of the reference ladder resulting in optimal gray scale and visual performance.



FEATURES

Single-supply operation: 3.3 V to 6.5 V

Rail-to-rail input, rail-to-rail output

High output current: 380 mA

Low supply current: 3.9 mA

Stable with 1 nF loads

Wide temperature range: −40°C to +105°C

16-, 20-, and 24-lead, Pb-free, TSSOP packages



APPLICATIONS

LCD line inversion gamma references

Car navigation panels

Personal media player panels



 




Similar Part No. - ADD8504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8504-EVAL AD-ADD8504-EVAL Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
ADD8504WRUZ AD-ADD8504WRUZ Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
ADD8504WRUZ-REEL AD-ADD8504WRUZ-REEL Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
ADD8504WRUZ-REEL7 AD-ADD8504WRUZ-REEL7 Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
More results


Similar Description - ADD8504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8509 AD-AD8509 Datasheet
183Kb / 8P
9- and 11-Channel, Muxed Input LCD Reference Drivers
1/05-Rev. A to Rev. B
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
9/05-Revision 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
logo
Analog Devices
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com