Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8517 Datasheet (PDF) - Analog Devices

AD8517 Datasheet PDF - Analog Devices
Part # AD8517
Download  AD8517 Download
File Size   160.07 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers

AD8517 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8517 Datasheet PDF - Analog Devices

Part # AD8517
Download  AD8517 Click to download

File Size   160.07 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers

AD8517 Datasheet (HTML) - Analog Devices


AD8517 Product details

GENERAL DESCRIPTION
The AD8517 brings precision and bandwidth to the SOT-23-5 package even at single supply voltages as low as 1.8 V. The small package makes it possible to place the AD8517 next to sensors, reducing external noise pickup. The AD8527 dual amplifier is offered in the space-saving MSOP package.
The AD8517 and AD8527 are rail-to-rail input and output bipolar amplifiers with a gain bandwidth of 7 MHz and typical voltage offset of 1.3 mV from a 1.8 V supply. The low supply current makes these parts ideal for battery-powered applications. The 8 V/µs slew rate makes the AD8517/AD8527 a good match for driving ASIC inputs, such as voice codecs.

FEATURES
   Single Supply Operation: 1.8 V to 6 V
   Space-Saving SOT-23, μSOIC Packaging
   Wide Bandwidth: 7 MHz @ 5 V
   Low Offset Voltage: 3.5 mV Max
   Rail-to-Rail Output Swing and Rail-to-Rail Input
   8 V/μs Slew Rate
   Only 900 μA Supply Current @ 5 V

APPLICATIONS
   Portable Communications
   Portable Phones
   Sensor Interface
   Active Filters
   PCMCIA Cards
   ASIC Input Drivers
   Wearable Computers
   Battery-Powered Devices
   New Generation Phones
   Personal Digital Assistants




Similar Part No. - AD8517

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8517 AD-AD8517_15 Datasheet
161Kb / 12P
Low Voltage Operational Amplifiers
REV. B
More results


Similar Description - AD8517

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
logo
Texas Instruments
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Analog Devices
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com